Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
79
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
LDO3 SLEEP
Control
8
LDO3_SLP_
MODE
0
Same as LDO1
4:0
LDO3_SLP_
VSEL [4:0]
00000
Same as LDO1
R16497 (4071h)
LDO4 Control
15:14
LDO4_ERR_
ACT [1:0]
00
Same as LDO1
12:11
LDO4_HWC
_SRC [1:0]
00
Same as LDO1
10
LDO4_HWC
_VSEL
0
Same as LDO1
9:8
LDO4_HWC
_MODE
10
Same as LDO1
7
LDO4_FLT
0
Same as LDO1
6
LDO4_SWI
0
Same as LDO1
0
LDO4_LP_M
ODE
0
Same as LDO1
R16498 (4072h)
LDO4 ON
Control
15:13
LDO4_ON_S
LOT [2:0]
000
Same as LDO1
8
LDO4_ON_
MODE
0
Same as LDO1
4:0
LDO4_ON_V
SEL [4:0]
00000
Same as LDO1
R16499 (4073h)
LDO4 SLEEP
Control
15:13
LDO4_SLP_
SLOT [2:0]
000
Same as LDO1
8
LDO4_SLP_
MODE
0
Same as LDO1
4:0
LDO4_SLP_
VSEL [4:0]
00000
Same as LDO1
R16500 (4074h)
LDO5 Control
15:14
LDO5_ERR_
ACT [1:0]
00
Same as LDO1
12:11
LDO5_HWC
_SRC [1:0]
00
Same as LDO1
10
LDO5_HWC
_VSEL
0
Same as LDO1
9:8
LDO5_HWC
_MODE
10
Same as LDO1
7
LDO5_FLT
0
Same as LDO1
6
LDO5_SWI
0
Same as LDO1
0
LDO5_LP_M
ODE
0
Same as LDO1
R16501 (4075h)
LDO5 ON
Control
15:13
LDO5_ON_S
LOT [2:0]
000
Same as LDO1
8
LDO5_ON_
MODE
0
Same as LDO1
4:0
LDO5_ON_V
SEL [4:0]
00000
Same as LDO1
R16502 (4076h)
LDO5 SLEEP
Control
15:13
LDO5_SLP_
SLOT [2:0]
000
Same as LDO1
8
LDO5_SLP_
MODE
0
Same as LDO1
4:0
LDO5_SLP_
VSEL [4:0]
00000
Same as LDO1
R16503 (4077h)
LDO6 Control
15:14
LDO6_ERR_
ACT [1:0]
00
Same as LDO1
12:11
LDO6_HWC
_SRC [1:0]
00
Same as LDO1
10
LDO6_HWC
_VSEL
0
Same as LDO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com