Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
86
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
9:0
LDOn_UV_S
TS
0
LDOn Undervoltage Status
0 = Normal
1 = Undervoltage
Notes:
1.
n is a number between 1 and 10 that identifies the individual LDO Regulator (LDO1 - 10).
2.
m is a number between 1 and 4 that identifies the individual DC-DC Converter (DC-DC1 - 4).
Table 38 DC Converter and LDO Regulator Status
15.12 POWER MANAGEMENT INTERRUPTS
Undervoltage monitoring is provided on all DC-DC Converters and LDO Regulators, as described in
Section 15.10. The associated interrupt flags indicate an undervoltage condition in each individual
DC-DC Converter or LDO Regulator. Each of these secondary interrupts triggers a primary
Undervoltage Interrupt, UV_INT (see Section 23). This can be masked by setting the mask bit(s) as
described in Table 39.
Current monitoring is provided on DC-DC1 and DC-DC2, as described in Section 15.10. The interrupt
flags HC_DC1_EINT and HC_DC2_EINT indicate a high current condition in DC-DC1 and DC-DC2
respectively. Each of these secondary interrupts triggers a primary High Current Interrupt, HC_INT
(see Section 23). This can be masked by setting the mask bit(s) as described in Table 39.
The high current thresholds are programmable; these are set by DC1_HC_THR and DC2_HC_THR
for DC-DC1 and DC-DC2 respectively. See Section 15.11.2 for details of these register fields. Note
that these functions are for current monitoring; they do not equate to the DC-DC Converter maximum
current limit.
ADDRESS
BIT
LABEL
DESCRIPTION
R16403
(4013h)
Interrupt Status
3
9:0
UV_LDOn_EINT
LDOn Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16404
(4014h)
Interrupt Status
4
9
HC_DC2_EINT
DC-DC2 High current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
HC_DC1_EINT
DC-DC1 High current interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
3:0
UV_DCm_EINT
DC-DCm Undervoltage interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
R16411
(401Bh)
Interrupt Status
3 Mask
9:0
IM_UV_LDOn_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
R16412
(401Ch)
Interrupt Status
4 Mask
9
IM_HC_DC2_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
8
IM_HC_DC1_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
3:0
IM_UV_DCm_EINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com