Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
85
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
12:11
EPE1_HWC
_SRC [1:0]
00
EPE1 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
8
EPE1_HWC
ENA
0
EPE1 Hardware Control Enable
0 = EPE1 is controlled by EPE1_ENA
(Hardware Control input(s) are
ignored)
1 = EPE1 is controlled by HWC
inputs (Hardware Control input(s)
force EPE1 to be de-asserted)
7:5
EPE1_SLP_
SLOT [2:0]
000
EPE1 SLEEP Slot select
000 = No action
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = No action
111 = No action
R1652 (408Ah)
EPE2 Control
15:13
EPE2_ON_S
LOT [2:0]
000
Same as EPE1
12:11
EPE2_HWC
_SRC [1:0]
00
Same as EPE1
8
EPE2_HWC
ENA
0
Same as EPE1
7:5
EPE2_SLP_
SLOT [2:0]
000
Same as EPE1
Table 37 External Power Enable (EPE) Control
15.11.5 MONITORING AND FAULT REPORTING
The overvoltage, undervoltage and high current status registers are defined in Table 38.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16468 (4054h)
DCDC UV
Status
13
DC2_OV_ST
S
0
DC-DC2 Overvoltage Status
0 = Normal
1 = Overvoltage
12
DC1_OV_ST
S
0
DC-DC1 Overvoltage Status
0 = Normal
1 = Overvoltage
9
DC2_HC_ST
S
0
DC-DC2 High Current Status
0 = Normal
1 = High Current
8
DC1_HC_ST
S
0
DC-DC1 High Current Status
0 = Normal
1 = High Current
3:0
DCm_UV_S
TS
0
DC-DCm Undervoltage Status
0 = Normal
1 = Undervoltage
R16469 (4055h)
LDO UV Status
15
INTLDO_UV
_STS
0
LDO13 (Internal LDO) Undervoltage
Status
0 = Normal
1 = Undervoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com