Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
22
7.3
RESET THRESHOLDS
Unless otherwise noted: TJ = -40°C to +125°C; Typical values are at TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power On Reset
Power on Reset threshold
VPMIC (LDO12VOUT) voltage
at which device transitions
between NO POWER and
BACKUP states
VPOR, DE-
ASSERT
VPMIC rising
1.18
V
VPOR, ASSERT
VPMIC falling
1.08
V
Power on Reset hysteresis
VPOR, HYST
100
mV
Device Reset Control
Device Reset threshold
VPMIC (LDO12VOUT) voltage
at which device transitions
between BACKUP and OFF
states
VRES, DE-
ASSERT
VPMIC rising
1.89
V
VRES, ASSERT
VPMIC falling
1.80
V
Device Reset hysteresis
VRES, HYST
90
mV
Device Shutdown
Shutdown threshold
PVDD voltage at which the
device forces an OFF transition
VSHUTDOWN
PVDD falling
2.7
V
SYSLO threshold accuracy
PVDD voltage at which SYSLO
is asserted.
VSYSLO
PVDD falling,
VSYSLO set by SYSLO_THR
(2.8V to 3.5V)
-3
+3
%
SYSOK threshold accuracy
PVDD voltage at which SYSOK
is asserted.
VSYSOK
PVDD rising,
VSYSOK set by SYSOK_THR
(2.8V to 3.5V)
Note the SYSOK hysteresis
margin (VSYSOK, HYST) is added
to SYSOK_THR.
-3
+3
%
SYSOK hysteresis
VSYSOK, HYST
40
mV
7.4
REFERENCES
Unless otherwise noted: TJ = +25ºC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage Reference
VVREFC
0.8
V
Current Reference
VIREFR
100k
 to GND
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com