Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
55
The OTP Control Register contents for all OTP Verify Commands are detailed in Table 22.
VERIFY COMMAND
OTP CONTROL REGISTER VALUE
OTP Verify Page 0
2480h
OTP Verify Page 1
2481h
OTP Verify Page 2
2482h
OTP Verify Page 3
2483h
OTP Verify All
24A0h
Table 22 OTP Verify Command (Margin 1)
14.4.5 OTP FINALISE COMMAND
The Finalise command sets the OTP finalise bit for the user-programmable pages of the OTP
memory. The Finalise commands are selected by writing 1 to the OTP_FINAL bit.
Note that Page 0 and Page 1 will be programmed and finalised during manufacture; these memory
pages cannot be re-written by users. Following the user Finalise command, Page 2 and Page 3 of the
OTP memory will be prevented from any further OTP Write commands. Each page of the OTP
memory can be programmed only once; the OTP Finalise command ensures that any subsequent
Write commands will have no effect and that the OTP contents are maintained securely.
The OTP memory is selected by setting the OTP_MEM bit to 1. (Note that the WM8326 does not
support this function on the external ICE memory.)
The Customer Finalise bit (CUST_OTP_FINAL) is in Page 2. This page is selected by setting
OTP_PAGE = 10. Note that the Page 2 finalise bit locks the contents of Page 2 and Page 3.
All other bits in the OTP Control Register should be set to 0 when a Finalise command is issued.
(Note that OTP_PROG should be set to 0 when a Finalise command is issued.)
The programming supply voltage PROGVDD is required for the OTP Finalise command. It is also
necessary to overdrive the LDO12VOUT pin from an external supply. See Section 6 for details of the
required supply voltages.
Note that the OTP_FINAL command does not set the CUST_OTP_FINAL bit in the DCRW; it only
sets it in the OTP memory. Care is required when verifying a Finalised OTP page, to avoid an OTP
error indication, as described in Section 14.4.4.
The OTP Control Register contents for the OTP Finalise Command is detailed in Table 23. This is the
only recommended OTP Finalise Command; no variants of the Finalise Command should be used.
FINALISE COMMAND
OTP CONTROL REGISTER VALUE
OTP Finalise Page 2
(Note that this command finalises
the contents of OTP Page 2 and
Page 3.)
2802h
Table 23 OTP Finalise Command
14.4.6 OTP CONTROL REGISTER
The OTP Control register (R16394) is defined in Table 24. Note that some of the OTP Programming
registers are locked by the WM8326 User Key. These registers can only be changed by writing the
appropriate code to the Security register, as described in Section 12.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com