Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
46
The WM8326 provides two interrupt flags associated with the crystal oscillator, as described in
Section 13.2. These interrupts will provide indication of a crystal oscillator start-up failure, or detection
of an interruption to the crystal oscillator (eg, due to tampering).
The CLKOUT control fields are described in Table 16. Some of these controls may also be stored in
the integrated OTP memory. See Section 14 for details.
The 32.768kHz oscillator may also be output on a GPIO pin, as described in Section 21. Note that a
GPIO pin configured as 32.768kHz output will continue to output the oscillator clock in the OFF power
state; this may be used to provide clocking to the processor in the OFF state, provided that the
selected power domain for that GPIO pin remains enabled in the OFF state. The CLKOUT output is
always disabled in the OFF power state.
The internal RC oscillator generates the required clocks for the integrated DC-DC Converters on the
WM8326. Note that a 2MHz ‘External Power Clock’, derived from this oscillator, may be output on a
GPIO pin to provide synchronised clocking of external DC-DC Converters if required (see Section 21).
The 2MHz External Power Clock is only enabled when either of the External Power Enable signals
EPE1 or EPE2 is asserted. The External Power Enable (EPE) signals are controlled as described in
Section 15.3.
Note that the CLKOUT_ENA control register is locked by the WM8326 User Key. This register can
only be changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16397 (400Dh)
System Status
7
XTAL_OK
0
Crystal Oscillator Status
0 = Disabled or in start-up phase
1 = Enabled and verified
R16528 (4090h)
Clock Control 1
15
CLKOUT_ENA
0
CLKOUT output enable
0 = Disabled
1 = Enabled
Protected by user key
13
CLKOUT_OD
0
CLKOUT pin configuration
0 = CMOS
1 = Open Drain
10:8
CLKOUT_SLOT
000
CLKOUT output enable ON slot
select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Do not enable
111 = Do not enable
6:4
CLKOUT_SLP
SLOT
000
CLKOUT output SLEEP slot select
000 = Controlled by CLKOUT_ENA
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = Controlled by CLKOUT_ENA
111 = Controlled by CLKOUT_ENA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com