Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 3Page - Richtek Technology Corporation RT8113 Datasheet HTML 4Page - Richtek Technology Corporation RT8113 Datasheet HTML 5Page - Richtek Technology Corporation RT8113 Datasheet HTML 6Page - Richtek Technology Corporation RT8113 Datasheet HTML 7Page - Richtek Technology Corporation RT8113 Datasheet HTML 8Page - Richtek Technology Corporation RT8113 Datasheet HTML 9Page - Richtek Technology Corporation RT8113 Datasheet HTML 10Page - Richtek Technology Corporation RT8113 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RT8113
7
DS8113-02 April 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VCC12 Supply Input
VCC12 Supply Current
ICC
--
6
--
mA
VCC5 Power
VCC5 Output Voltage
VCC5
ILOAD = 10mA
4.9
5
5.1
V
VCC5 Output Sourcing
IVCC5
10
--
--
mA
Power-On Reset
VCC12 Rising Threshold
VCC12_TH VCC12 Rising
9.2
9.7
10.2
V
VCC12 Hysteresis
VCC12_HY VCC12 Falling
--
0.9
--
V
VCC5 Rising Threshold
VCC5_TH VCC5 Rising
4.4
4.6
4.8
V
VCC5 Hysteresis
VCC5_HY
VCC5 Falling
--
0.4
--
V
(TA = 25
°C, unless otherwise specified)
Electrical Characteristics
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, VCC12 ----------------------------------------------------------------------- 12V
±10%
Junction Temperature Range -------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VCC12 ---------------------------------------------------------------------
−0.3V to 15V
BOOTx to GND
DC --------------------------------------------------------------------------------------------------------
−0.3V to 30V
< 200ns -------------------------------------------------------------------------------------------------
−0.3V to 42V
PHASEx to GND
DC --------------------------------------------------------------------------------------------------------
−2V to 15V
< 200ns -------------------------------------------------------------------------------------------------
−5V to 30V
UGATEx to GND -------------------------------------------------------------------------------------- (VPHASE
− 0.3V) to (VBOOT + 0.3V)
< 200ns ------------------------------------------------------------------------------------------------- (VPHASE
− 5V) to (VBOOT + 5V)
LGATEx to GND -------------------------------------------------------------------------------------- (GND
− 0.3V) to (VCC + 0.3V)
< 200ns ------------------------------------------------------------------------------------------------- (GND
− 5V) to (VCC + 5V)
Other Pins---------------------------------------------------------------------------------------------- –0.3V to 6.5V
Power Dissipation, PD @ TA = 25
°C
WQFN-24L 4x4 --------------------------------------------------------------------------------------- 1.923W
Package Thermal Resistance (Note 2)
WQFN-24L 4x4,
θJA ---------------------------------------------------------------------------------- 52°C/W
WQFN-24L 4x4,
θJC --------------------------------------------------------------------------------- 7°C/W
Lead Temperature (Soldering, 10 sec.) ---------------------------------------------------------- 260
°C
Junction Temperature -------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------- –65
°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Mode) ------------------------------------------------------------------------- 2kV
MM (Machine Mode) --------------------------------------------------------------------------------- 200V
To be continued
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com