Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8113 Datasheet HTML 1Page - Richtek Technology Corporation RT8113 Datasheet HTML 2Page - Richtek Technology Corporation RT8113 Datasheet HTML 3Page - Richtek Technology Corporation RT8113 Datasheet HTML 4Page - Richtek Technology Corporation RT8113 Datasheet HTML 5Page - Richtek Technology Corporation RT8113 Datasheet HTML 6Page - Richtek Technology Corporation RT8113 Datasheet HTML 7Page - Richtek Technology Corporation RT8113 Datasheet HTML 8Page - Richtek Technology Corporation RT8113 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
RT8113
1
DS8113-02 April 2011
www.richtek.com
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Single Phase VR11.1 PWM Controller with 7-bit VID
Applications
Atom VCORE Power
Ibexpeak Graphic Power
Low Voltage, High Current DC/DC Converter
Pin Configurations
(TOP VIEW)
WQFN-24L 4x4
General Description
The RT8113 is a single-phase PWM buck controller with
one integrated MOSFET driver for advanced
microprocessor applications such as Atom VCORE or
IbexpeakGraphic Power. This controller maintains the same
features as the multi-phase product family. However, it
reduces the output to one phase for lower current systems.
Features of this controller include adjustable operation
frequency, power good indication, external error amplifer
compensation, over voltage protection, over current
protection, droop enable/disable capability, externally
adjustable offset voltage, load transient enhancement
(quick response), and enable/shutdown pin to achieve
optimal power management solution for various
applications. The RT8113 comes in a WQFN-24L 4x4
package.
Features
Single-Phase Power Conversion
One Embedded MOSFET Driver with Internal
Bootstrap Diode
VID Table for Intel VR11.1
Continuous Differential Inductor DCR Current Sense
Droop Enable/Disable Capability
Adjustable Soft-Start
Adjustable Frequency Typically at 200kHz
Power Good Indication
Adjustable Over Current Protection
Over Voltage Protection
Over Temperature Protection
Small 24-Lead WQFN Package
RoHS Compliant and Halogen Free
Marking Information
VID1
OCSET
FBRTN
SS
COMP
FB
PGOOD
BOOT
PHASE
VCC12
LGATE
UGATE
GND
1
2
3
4
5
6
78
9 10
12
11
18
17
16
15
14
13
21 20 19
24
22
23
25
DZ= : Product Code
YMDNN : Date Code
DZ=YM
DNN
Package Type
QW : WQFN-24L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8113


Similar Part No. - RT8113

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT81 LRC-RT81 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
RT810 LRC-RT810 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8113

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6728 STMICROELECTRONICS-L6728 Datasheet
1Mb / 32P
Single phase PWM controller with PowerGOOD
17-Sep-2007
logo
Richtek Technology Corp...
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
Multi-Phase PWM Controller with PWM-VID Reference
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
logo
Renesas Technology Corp
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
logo
Richtek Technology Corp...
RT8816C RICHTEK-RT8816C Datasheet
374Kb / 23P
Dual-Phase PWM Controller with PWM-VID Reference
January 2021
RT8820A RICHTEK-RT8820A Datasheet
361Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
February 2020
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com