Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation RT8113 Datasheet HTML 18Page - Richtek Technology Corporation RT8113 Datasheet HTML 19Page - Richtek Technology Corporation RT8113 Datasheet HTML 20Page - Richtek Technology Corporation RT8113 Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
RT8113
20
DS8113-02 April 2011
www.richtek.com
The voltage feedback loop contains two traces, VCC
and VSS, which are Kelvin sensed from CPU socket or
output capacitors. These two traces should have 10mm
width and be placed away from high (di/dt) switching
elements such as high-side MOSFETs, low-side
MOSFETs, phase plane etc. The circuit elements of
voltage feedback loop, such as feedback loop short
resistors and voltage loop compensation RCs, have to
be kept near the RT8113 and also away from switching
elements.
The current-sense mechanism of the RT8113 is fully
differential Kelvin sense. Therefore, the current-sense
loop of the RT8113 contain two traces : the positive
trace(ISP) comes from the positive node the of output
inductor (the node connecting phase plane) and the
negative trace (ISN) comes from the negative node of
the output inductor (the node connecting output plane).
DO NOT connect the current-sense traces from the phase
plane or output plane. Only connect these traces from
both sides of the output inductor to achieve the goal of
precise Kelvin sense. The current-sense feedback loops
have to be routed away from switching elements, and the
current-sense RC elements have to be put near their
respective ISN or ISP pins of the RT8113 and also away
from noise switching elements. At lease 10 mm width is
suggested for current sense feedback loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com