Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 7Page - Richtek Technology Corporation RT8113 Datasheet HTML 8Page - Richtek Technology Corporation RT8113 Datasheet HTML 9Page - Richtek Technology Corporation RT8113 Datasheet HTML 10Page - Richtek Technology Corporation RT8113 Datasheet HTML 11Page - Richtek Technology Corporation RT8113 Datasheet HTML 12Page - Richtek Technology Corporation RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RT8113
11
DS8113-02 April 2011
www.richtek.com
Over Current Protection
Time (200
μs/Div)
PGOOD
(5V/Div)
VOUT
(1V/Div)
UGATE
(50V/Div)
ILOAD
(50A/Div)
Over Voltage Protection
Time (20
μs/Div)
PGOOD
(5V/Div)
VFB
(1V/Div)
UGATE
(20V/Div)
LGATE
(10V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com