Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 9Page - Richtek Technology Corporation RT8113 Datasheet HTML 10Page - Richtek Technology Corporation RT8113 Datasheet HTML 11Page - Richtek Technology Corporation RT8113 Datasheet HTML 12Page - Richtek Technology Corporation RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
RT8113
13
DS8113-02 April 2011
www.richtek.com
After VOUT ramps to VBOOT, the RT8113 stays in this state
for 800
μs (tD3) waiting for valid VID code sent by CPU.
After receiving valid VID code, VOUT continues ramping up
or down to the voltage specified by VID code. After VOUT
ramps to VEAP = VDAC
− VADJ, the RT8113 stays in this
state for 1600
μs (tD5) and then asserts PGOOD = high.
The ramping slew rate of tD2 and tD4 is controlled by the
external capacitor connected to SS pin. The voltage of
Figure 3. Circuit for Soft-Start and Dynamic VID
Figure 4. Soft-Start Wave forms
Soft Start
Circuit
VDAC
ISS
EAP
(Error AMP Positive Input)
Soft Start Current (ISS)
is Limited and Variant
R2
R1
R3
C2
C1
C3
VOUT
FB
COMP
ADJ
SS
CSS
RADJ
+
-
EA
VCC12
VCC5
9.6V
4.6V
VDAC
SS
PGOOD
tD1
VOUT
VBOOT
tD2
tD3
tD4
tD5
the SS pin will always be VEAP+0.7V, where the mentioned
0.7V is the typical turn-on threshold of an internal power
switch. Before PGOOD = high, the slew rate of VEAP is
limited to 16
μA/CSS. When PGOOD = high, the slew rate
of VEAP is limited to 160
μA/CSS, which is 10 times faster
than soft start slew rate for dynamic VID feature. The soft
start waveform is shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com