Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 13Page - Richtek Technology Corporation RT8113 Datasheet HTML 14Page - Richtek Technology Corporation RT8113 Datasheet HTML 15Page - Richtek Technology Corporation RT8113 Datasheet HTML 16Page - Richtek Technology Corporation RT8113 Datasheet HTML 17Page - Richtek Technology Corporation RT8113 Datasheet HTML 18Page - Richtek Technology Corporation RT8113 Datasheet HTML 19Page - Richtek Technology Corporation RT8113 Datasheet HTML 20Page - Richtek Technology Corporation RT8113 Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
RT8113
18
DS8113-02 April 2011
www.richtek.com
Figure 9. Compensation Circuit
1) Modulator Characteristic
The modulator consists of the PWM comparator and power
stage. The PWM comparator compares error amplifier EA
output (COMP) with oscillator (OSC) sawtooth wave to
provide a pulse-width modulated (PWM) gate-driving
signal. The PWM wave is smoothed out by the output
filter, LOUT and COUT. The output voltage (VOUT) is sensed
and fed to the inverting input of the error amplifier.
The modulator transfer function is the small-signal transfer
function of VOUT/VCOMP (output voltage over the error
amplifier output). This transfer function is dominated by a
DC gain, a double pole, and an ESR zero as shown in
Figure 10.
The DC gain of the modulator is the input voltage (VIN)
divided by the peak-to-peak oscillator voltage VOSC. The
output LC filter introduces a double pole, 40dB/decade
gain slope above its corner resonant frequency, and a total
phase lag of 180 degrees. The resonant frequency of the
LC filter is expressed as :
LC
OUT
OUT
1
f
=
2 x L
x C
π
The ESR zero is contributed by the ESR associated with
the output capacitance. Note that this requires the output
capacitor to have enough ESR to satisfy stability
requirements. The ESR zero of the output capacitor is
expressed as the following equation :
ESR
OUT
1
f
=
2 x C
x ESR
π
Figure 10. Bode PLot of Loop Gain
2) Design the compensator
A well-designed compensator regulates the output voltage
to the reference voltage VREF with fast transient response
and good stability. In order to achieve fast transient
response and accurate output regulation, an adequate
compensator design is necessary. The goal of the
compensation network is to provide adequate phase
margin (usually greater than 45
°C) and the highest
bandwidth (0dB crossing frequency, fC) possible. It is also
recommended to manipulate loop frequency response that
its gain crosses over 0dB at a slope of -20dB/dec.
According to Figure 10, the location of poles and zeros
are :
()
1
Z1
Z2
P1
P2
P3
1
f =
2 x R2 x C1
1
f =
2 x R1 + R3 x C3
f = 0
1
f =
2 x C3 x R3
f =
C1 x C2 x R2
2 x
C1 + C2
π
π
π
π
Generally, fZ1 and fZ2 are designed to cancel the double
pole of modulation. Usually, place fZ1 at a fraction of the
fP3
fP2
fZ2
fZ1
LOG
Frequency
0
fLC
fESR fC
Modulator Gain
Compensation Gain
Closed Loop Gain
-
+
+
-
OSC
ΔVOSC
ZFB
ZIN
VIN
Driver
Driver
REF
PWM
Comparator
COMP
EA
+
-
REF
EA
ZFB
ZIN
VOUT
FB
COMP
C1
C2
C3
R1
R2
R3
ESR
COUT
VOUT
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com