Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8113 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8113
Description  Single Phase VR11.1 PWM Controller with 7-bit VID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8113 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8113 Datasheet HTML 4Page - Richtek Technology Corporation RT8113 Datasheet HTML 5Page - Richtek Technology Corporation RT8113 Datasheet HTML 6Page - Richtek Technology Corporation RT8113 Datasheet HTML 7Page - Richtek Technology Corporation RT8113 Datasheet HTML 8Page - Richtek Technology Corporation RT8113 Datasheet HTML 9Page - Richtek Technology Corporation RT8113 Datasheet HTML 10Page - Richtek Technology Corporation RT8113 Datasheet HTML 11Page - Richtek Technology Corporation RT8113 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RT8113
8
DS8113-02 April 2011
www.richtek.com
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RT/EN
Chip Disable Threshold
VDIS
--
--
0.4
V
Running Frequency
fOSC
RRT = 60kΩ
180
200
220
kHz
RT Pin Voltage
VRT, GND
RRT = 60kΩ, connected between RT/EN
and GND
1.52
1.6
1.68
V
RT Pin Voltage
VRT, VDD
RRT = 60kΩ, connected between RT/EN
and VCC5
VCC5−
1.68
VCC5−
1.6
VCC5−
1.52
V
Modulation Gain
ARAMP
RRT = 60kΩ
--
22
--
%/V
Reference Voltage Accuracy
1V to 1.6V
−0.5
--
0.5
%
0.8V to 1V
−5
--
5
mV
DAC Accuracy
0.5V to 0.8V
−8
--
8
mV
Logic-Low VIL
VID [7:1]
--
--
0.4
V
VID Threshold
Voltage
Logic-High VIH
VID [7:1]
0.8
--
--
V
Error Amplifier
DC Gain
ADC
No Load
--
80
--
dB
Gain-Bandwidth
GBW
CLOAD = 10pF
--
10
--
MHz
Slew Rate
SR
CLOAD = 10pF
10
--
--
V/
μs
Output Voltage Range
VCOMP
0.5
--
3.6
V
Maximum Current
IEA_SLEW Slew
300
--
--
μA
Power Sequence
PGOOD Low Voltage
VPGOOD
IPGOOD = 4mA
--
--
0.4
V
Soft-Start Delay
tD1
After POR, from EN = High to VOUT Rising
0
--
5
ms
VBOOT Duration
tD3
0.05
--
3
ms
PGOOD Delay
tD5
Measured from final VOUT value to
PGOOD = High
0.05
--
3
ms
Current Sense Amplifier
Maximum Current
IGMMAX
VCSP = 1.3V, sink current from CSN
100
--
--
μA
Input Offset Voltage
VOSCS
−1.5
0
1.5
mV
Soft Start
Soft Start Current
ISS1
Slew
12
16
20
μA
VID Change Current
ISS2
Slew
120
160
200
μA
Gate Driver
UGATE Drive Source
IUGATEsr
BOOT – PHASE = 12V,
UGATE – PHASE = 6V
0.6
1
--
A
UGATE Drive Sink
RUGATEsk
BOOT – PHASE = 8V,
250mA Source Current
--
1
--
Ω
LGATE Drive Source
ILGATEsr
VCC12 = 12V, VLGATE = 6V
0.6
1
--
A
LGATE Drive Sink
RLGATEsk 250mA Sink Current
--
0.8
--
Ω
Protection
Over-Voltage Threshold
VOVP
Sweep FB Voltage, VFB − VEAP
125
150
175
mV
OCP Input Offset Voltage
VOCOFS
−10
--
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com