Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9986 Datasheet HTML 1Page - Richtek Technology Corporation RT9986 Datasheet HTML 2Page - Richtek Technology Corporation RT9986 Datasheet HTML 3Page - Richtek Technology Corporation RT9986 Datasheet HTML 4Page - Richtek Technology Corporation RT9986 Datasheet HTML 5Page - Richtek Technology Corporation RT9986 Datasheet HTML 6Page - Richtek Technology Corporation RT9986 Datasheet HTML 7Page - Richtek Technology Corporation RT9986 Datasheet HTML 8Page - Richtek Technology Corporation RT9986 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
DS9986-00 May 2011
www.richtek.com
RT9986
Timing Diagram
Timing Diagram for CH1 to CH4
CH5 and CH6 Power Sequence
The power on sequence is :
When EN56 goes high, CH5 will turn on first. After 10ms, CH6 will turn on.
The power off sequence is :
When EN56 goes low, CH6 will turn off first and VOUT6 will be internally pulled to GND.
When VOUT6 >
−0.12V, CH6 discharging completes and then CH5 turns off. Finally, the whole IC shuts down.
Power On Sequence : CH5 HV Step-Up 15V → CH6 INV
−7V
Power Off Sequence : CH6 INV
−7V → CH5 HV Step-Up 15V
EN1234
CH1 VOUT
CH3 VOUT
CH4 VOUT
CH2 VOUT
User define
VDDM = Max
(BAT, PVDD1)
3.5ms
3.5ms
3.5ms
Wait until FB4 < 0.1V
Wait until FB3 < 0.1V
3.5ms
Wait until FB2 < 0.1V
EN56
CH5
VOUT
10ms
CH6
VOUT
Discharge by internal N-MOSFET
Wait until VOUT6 close to 0V
Constant Current
Pre-Charge.
10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com