Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT9986 Datasheet HTML 12Page - Richtek Technology Corporation RT9986 Datasheet HTML 13Page - Richtek Technology Corporation RT9986 Datasheet HTML 14Page - Richtek Technology Corporation RT9986 Datasheet HTML 15Page - Richtek Technology Corporation RT9986 Datasheet HTML 16Page - Richtek Technology Corporation RT9986 Datasheet HTML 17Page - Richtek Technology Corporation RT9986 Datasheet HTML 18Page - Richtek Technology Corporation RT9986 Datasheet HTML 19Page - Richtek Technology Corporation RT9986 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
DS9986-00 May 2011
www.richtek.com
RT9986
Time (1
μs/Div)
CH5 Output Voltage Ripple
VOUT_CH5_ac
(10mV/Div)
LX5
(10V/Div)
VBAT = 3.7V, VOUT = 16V,
IOUT = 30mA, L = 10
μH, COUT = 10μF
Time (1
μs/Div)
CH6 Output Voltage Ripple
VOUT_CH6_ac
(10mV/Div)
LX6
(10V/Div)
VBAT = 3.7V, VOUT =
−8V,
IOUT = 50mA, L = 10
μH, COUT = 10μF x 2
Time (1ms/Div)
CH1 Load Transient Response
VOUT_CH1_ac
(100mV/Div)
IOUT
(100mA/Div)
VBAT = 3.7V, VOUT = 5V,
IOUT = 0 to 300mA, L = 2.2
μH, COUT = 10μF x 2
Time (1ms/Div)
CH3 Load Transient Response
VOUT_CH3_ac
(50mV/Div)
IOUT
(100mA/Div)
VBAT = 3.7V, VOUT = 1.8V,
IOUT = 0 to 300mA, L = 2.2
μH, COUT = 10μF
Time (1ms/Div)
CH2 Load Transient Response
VOUT_CH2_ac
(50mV/Div)
IOUT
(100mA/Div)
VBAT = 3.7V, VOUT = 3.3V,
IOUT = 0 to 300mA, L = 2.2
μH, COUT = 10μF
Time (500ns/Div)
CH4 Output Voltage Ripple
VOUT_CH4_ac
(5mV/Div)
LX4
(2V/Div)
VBAT = 3.7V, VOUT = 1V,
IOUT = 400mA, L = 2.2
μH, COUT = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com