Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9986 Datasheet HTML 8Page - Richtek Technology Corporation RT9986 Datasheet HTML 9Page - Richtek Technology Corporation RT9986 Datasheet HTML 10Page - Richtek Technology Corporation RT9986 Datasheet HTML 11Page - Richtek Technology Corporation RT9986 Datasheet HTML 12Page - Richtek Technology Corporation RT9986 Datasheet HTML 13Page - Richtek Technology Corporation RT9986 Datasheet HTML 14Page - Richtek Technology Corporation RT9986 Datasheet HTML 15Page - Richtek Technology Corporation RT9986 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
DS9986-00 May 2011
www.richtek.com
RT9986
Typical Operating Characteristics
CH1 Step-Up Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VBAT = 3V
VBAT = 2.7V
VBAT = 2.5V
VBAT = 2.2V
VBAT = 2V
VBAT = 1.8V
VOUT = 3.3V, L = 2.2
μH, COUT = 10μF x 2
CH1 Step-Up Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VBAT = 4.5V
VBAT = 4.2V
VBAT = 3.9V
VBAT = 3.6V
VBAT = 3.3V
VBAT = 3V
VOUT = 5V, L = 2.2
μH, COUT = 10μF x 2
CH2 Step-Up Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VBAT = 3.6V
VBAT = 3.3V
VBAT = 3V
VBAT = 2.7V
VBAT = 2.5V
VBAT = 2.2V
VBAT = 1.8V
VOUT = 5V, L = 2.2
μH, COUT = 10μF x 2
CH2 Step-Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VBAT = 3.4V
VBAT = 3.7V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 4.5V
VBAT = 5V
VOUT = 3.3V, L = 2.2
μH, COUT = 10μF
CH 3 Step-Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VBAT = 2.7V
VBAT = 3V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 4.5V
VOUT = 1.8V, L = 2.2
μH, COUT = 10μF
CH4 Step-Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VBAT = 1.8V
VBAT = 2.5V
VBAT = 3V
VBAT = 3.3V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 4.5V
VOUT = 1V, L = 2.2
μH, COUT = 10μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com