Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9986 Datasheet HTML 1Page - Richtek Technology Corporation RT9986 Datasheet HTML 2Page - Richtek Technology Corporation RT9986 Datasheet HTML 3Page - Richtek Technology Corporation RT9986 Datasheet HTML 4Page - Richtek Technology Corporation RT9986 Datasheet HTML 5Page - Richtek Technology Corporation RT9986 Datasheet HTML 6Page - Richtek Technology Corporation RT9986 Datasheet HTML 7Page - Richtek Technology Corporation RT9986 Datasheet HTML 8Page - Richtek Technology Corporation RT9986 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
DS9986-00 May 2011
www.richtek.com
RT9986
7-CH DC/DC Converter for DSC
General Description
The RT9986 is a complete power supply solution for digital
still cameras and other handheld devices. It includes one
synchronous step-up DC/DC converter with load
disconnect, one selectable synchronous step-up/step-
down DC/DC converter, two synchronous step-down DC/
DC converters, one synchronous high voltage step-up DC/
DC converter, one inverting DC/DC converter, and one
selectable synchronous high voltage step-up/current-
source for WLED. In addition, the RT9986 also includes
one RTC_LDO, one voltage detector, and one System
Reset. All power MOSFETs are addition in the RT9986.
The RT9986 is designed to fulfill the applications for DSC
as follows :
CH1 is a synchronous step-up output for motor or DSC
system I/O power
CH2 is a selectable synchronous step-up/step-down
output for motor or DSC system I/O power
CH3 and CH4 are synchronous step-down outputs for DSP
core and memory power supply
CH5 is a synchronous high voltage step-up output for CCD
bias power supply
CH6 is an inverting output for negative CCD bias power
supply
CH7 is a selectable synchronous high voltage step-up/
current source for driving WLED
The selectable step-up/step-down converter can be auto
selected by external component topology. For the RT9986,
all 7-CHs have built in internal compensation. The RT9986
also provides a transformerless inverting converter for
supplying CCD power. For the low voltage synchronous
step-up and step down converters, efficiency can be up to
95%.
The RT9986 provides comprehensive protection features
including over current protection, thermal shutdown
protection, over voltage protection, overload protection,
and under voltage protection.
Features
CH2 Step-Up/Step-Down Auto-Selected by External
Topology
Preset On/Off Sequence of CH1, CH2, CH3, CH4
(1 3 4 2)
Preset On/Off Sequence of CH5, CH6 (5 6)
All Channels with Internal Compensation
All Power Switches Integrated
All Step-Up Converter with Load Disconnect
Step-Down DC/DC Converter
Up to 95% Efficiency
100% (max) Duty Cycle
Low Voltage Step-Up DC/DC Converter
Adjustable Output Voltage
Up to 95% Efficiency
WLED Driver
Auto-Selected by External Topology
Current Source Mode with 30mA DC Current
Step-Up Mode with LED Open Protection (OVP7)
Direct PWM Dimming Control
Fixed 2MHz Switching Frequency for CH1/2/3/4,
Fixed 1MHz Switching Frequency for CH5/6/7
Small 32-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
Digital Still Camera
PDA
Portable Devices
Marking Information
13= : Product Code
YMDNN : Date Code
13=YM
DNN


Similar Part No. - RT9986

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9986A RICHTEK-RT9986A Datasheet
444Kb / 24P
7-CH DC/DC Converter for DSC
RT9986AGQW RICHTEK-RT9986AGQW Datasheet
444Kb / 24P
7-CH DC/DC Converter for DSC
More results

Similar Description - RT9986

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT1395 ETC-AT1395 Datasheet
329Kb / 18P
5 CHANNEL DC-DC CONVERTER FOR DSC
AT1387A ETC1-AT1387A Datasheet
428Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Aimtron Technology
AT1382A AIMTRON-AT1382A Datasheet
620Kb / 25P
4-Channel DC-DC Converter for DSC
AT1382B AIMTRON-AT1382B Datasheet
469Kb / 21P
4-Channel DC-DC Converter for DSC
AT1386 AIMTRON-AT1386 Datasheet
429Kb / 21P
6-Channel DC-DC Converter for DSC
logo
Global Mixed-mode Techn...
G2204 GMT-G2204 Datasheet
35Kb / 1P
7-Channel DC-DC Converter for DSC
G2202B GMT-G2202B Datasheet
28Kb / 1P
7-Channel DC-DC Converter for DSC
G2105A GMT-G2105A Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
logo
Richtek Technology Corp...
RT9986A RICHTEK-RT9986A Datasheet
444Kb / 24P
7-CH DC/DC Converter for DSC
logo
Global Mixed-mode Techn...
G2105 GMT-G2105 Datasheet
82Kb / 1P
7-Channel DC-DC Converter for DSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com