Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9986 Datasheet HTML 7Page - Richtek Technology Corporation RT9986 Datasheet HTML 8Page - Richtek Technology Corporation RT9986 Datasheet HTML 9Page - Richtek Technology Corporation RT9986 Datasheet HTML 10Page - Richtek Technology Corporation RT9986 Datasheet HTML 11Page - Richtek Technology Corporation RT9986 Datasheet HTML 12Page - Richtek Technology Corporation RT9986 Datasheet HTML 13Page - Richtek Technology Corporation RT9986 Datasheet HTML 14Page - Richtek Technology Corporation RT9986 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
DS9986-00 May 2011
www.richtek.com
RT9986
Note 1. Stresses listed as the above
“Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a high-effective thermal conductivity four-layer test board of JEDEC
51-7 thermal measurement standard. The measurement case position of
θJC is on the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Thermal Protection
Thermal Shutdown
TSD
125
160
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
20
--
°C
System Reset
SYSR, FB2 Regulation Threshold
for SYSR to go low
0.709
0.72
0.731
V
SYSR, FB2 Hysteresis
--
40
--
mV
SYSR Rising Delay Time
--
10
--
ms
SYSR Sink Capability
VSYSR = 0.5V
4
--
--
mA
Voltage Detector
Voltage Detector Reset Threshold
(VCHK
< Threshold
RST = L)
VCHK Falling
1.57
1.6
1.63
V
Voltage Detector Reset Hysteresis
--
16
--
mV
Standby Current
VVCHK = 3V
--
2
4
μA
RST Rising Delay Time
35
55
75
ms
RST Sink Capability
VRST = 0.5V, VVCHK = 1.5V
4
--
--
mA
RTC LDO
Standby Current
VDDM = 4.2V
--
5
8
μA
Regulated Output Voltage @
RTCPWR
IOUT = 0mA
3.1
3.2
3.3
V
Max Output Current (Current Limit)
VDDM = 4.2V
60
130
200
mA
IOUT = 50mA
--
--
1000
IOUT = 10mA
--
--
150
Dropout Voltage
IOUT = 3mA
--
--
60
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com