Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9986 Datasheet HTML 15Page - Richtek Technology Corporation RT9986 Datasheet HTML 16Page - Richtek Technology Corporation RT9986 Datasheet HTML 17Page - Richtek Technology Corporation RT9986 Datasheet HTML 18Page - Richtek Technology Corporation RT9986 Datasheet HTML 19Page - Richtek Technology Corporation RT9986 Datasheet HTML 20Page - Richtek Technology Corporation RT9986 Datasheet HTML 21Page - Richtek Technology Corporation RT9986 Datasheet HTML 22Page - Richtek Technology Corporation RT9986 Datasheet HTML 23Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
DS9986-00 May 2011
www.richtek.com
RT9986
Table 1. CH7 WLED setting
CH7 Operating Mode
LX7
Current Source
< 0.25V
Synchronous Step-Up
> 1V
CH3 : Synchronous Step-Down DC/DC Converter
CH3 operates in fixed frequency PW M mode with
integrated internal MOSFETs and compensation network.
The CH3 step-down converter can be operated at 100%
maximum duty cycle to extend battery operating voltage
range. When the input voltage is close to the output
voltage, the converter enters low dropout mode with low
output ripple.
The output voltage can be set by the following equation :
VOUT_CH3 = (1 + R5 / R6) x VFB3
where VFB3 is 0.8V typically.
CH4 : Synchronous Step-Down DC/DC Converter
CH4 operates at fixed frequency PWM mode with
integrated internal MOSFETs and compensation network.
The CH4 step-down converter can be operated at 100%
maximum duty cycle to extend battery operating voltage
range. When the input voltage is close to the output
voltage, the converter enters low dropout mode with low
output ripple.
The output voltage can be set by the following equation:
VOUT_CH4 = (1 + R7 / R8) x VFB4
where VFB4 is 0.8V typically.
CH5 : Synchronous Step-Up DC/DC Converter
CH5 is a high voltage synchronous step-up converter for
CCD positive power. The converter operates at fixed
frequency PWM mode, CCM, DCM, and PSM (pulse skip
mode) with integrated internal MOSFETs, compensation
network and load disconnect function.
The output voltage can be set by the following equation:
VOUT_CH5 = (1 + R9 / R10) x VFB5
where VFB5 is 1.25V typically.
CH6 : INV DC/DC Converter
This converter integrates an internal P-MOSFET with
internal compensation and needs an external Schottky
diode to provide CCD negative power supply.
The output voltage can be set by the following equation :
VOUT_CH6 =
−(R11 / R12) x (1.2V) + 0.6V
where R11 and R12 are the feedback resistors connected
to FB6, 1.2V equals to (VREF
− VFB6) and 0.6V is VFB6
typical.
Reference Voltage
The RT9986 provides a precise 1.8V reference voltage,
VREF, with souring capability of 100
µA. Connect a 0.1µF
ceramic capacitor from the VREF pin to GND. Reference
v oltage is enabled by pulling EN6 to logic-high.
Furthermore, this reference voltage is internally pulled to
GND at shutdown.
CH7 : WLED Driver
CH7 is a WLED driver that can operate in either current
source mode or synchronous step-up mode, as determined
by LX7
's initial voltage level.
When CH7 works in current source mode, it sinks an
accurate LED current modulated by EN7 high duty such
that it is easily dimmed from 0mA to 30mA. If CH7 works
in synchronous step-up mode, it integrates synchronous
step-up mode with an internal MOSFET and internal
compensation to output a voltage up to 15V. The LED
current is set via an external resistor and controlled via
the PWM duty on the EN7 pin. Regardless of the mode,
holding EN7 low for more than 32ms will turn off CH7.
In addition, CH7 will be turned on until the CH2 soft-start
is finished.
CH7 WLED Current Dimming Control
If CH7 is in synchronous step-up mode, the WLED current
is set by an external resistor. If CH7 is in current source
mode, the sink current into the FB7 pin is 30mA typically
when EN7 is high. Regardless of the mode, dimming is
always controlled by the duty of pulse-width modulated
signal on the EN7 pin. The PWM dimming duty must be
over 10%.
The average current through WLED can be set by the
following equations :
ILED (mA) = [250mV / R (W)] x Duty (%) (for step-up mode)
or ILED (mA) = 30mA x Duty (%) (for current source mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com