Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9986 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9986
Description  7-CH DC/DC Converter for DSC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9986 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9986 Datasheet HTML 1Page - Richtek Technology Corporation RT9986 Datasheet HTML 2Page - Richtek Technology Corporation RT9986 Datasheet HTML 3Page - Richtek Technology Corporation RT9986 Datasheet HTML 4Page - Richtek Technology Corporation RT9986 Datasheet HTML 5Page - Richtek Technology Corporation RT9986 Datasheet HTML 6Page - Richtek Technology Corporation RT9986 Datasheet HTML 7Page - Richtek Technology Corporation RT9986 Datasheet HTML 8Page - Richtek Technology Corporation RT9986 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
DS9986-00 May 2011
www.richtek.com
RT9986
For 2AA
Typical Application Circuit
RT9986
GND
33 (Exposed Pad)
EN56
OFF
ON
32
25
EN1234
22
RTCPWR
C11
Super Cap
3.3V
PVDD2 27
24
LX2 26
FB2
L2
2.2µH
C6
10µF x 2
R3
470k
R4
150k
VBAT
C5
4.7µF
5
FB7
5V
D5
EN7
8
PVDD1
30
1
LX1 31
FB1
L1
2.2µH
C4
10µF x 2
5V
R1
470k
R2
88.7k
VBAT
C3
4.7µF
R10
26.1k
PVDD5
LX5
18
20
VBAT
FB5
19
C13
R9
287k
15V
L5
10µH
4.7µF
C14
10µF x 2
C12
27pF
21
VDDM
1µF
C1
LX6
FB6
3
28
-7V
C18
66.5k
R11
10.5k
R12
VREF
2
L6
10µH
4 VOUT6
D1
10µF x 2
C15
1nF
C16
0.1µF
LX4 9
L4
2.2µH
10µF
1.8V
FB4
11
C10
R7
R8
470k
374k
6
PVDD7
10µF
C9
10
PVDD4
5V or VBAT
LX7
7
VCHK
12
17
R14
10k
RTCPWR
RST
23
SYSR
R15
100k
3.3V
BAT
29
VBAT
4.7µF
C2
360k
PVDD3 15
14
LX3 16
FB3
L3
2.2µH
C7
4.7µF
R5
768k
R6
2.5V
C8
5V
10µF
VNEG
13
C17
0.1µF
C21
4.7pF
C22
4.7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com