Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 32 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 32 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 28Page - ITT Industries DAMMN3H3SN Datasheet HTML 29Page - ITT Industries DAMMN3H3SN Datasheet HTML 30Page - ITT Industries DAMMN3H3SN Datasheet HTML 31Page - ITT Industries DAMMN3H3SN Datasheet HTML 32Page - ITT Industries DAMMN3H3SN Datasheet HTML 33Page - ITT Industries DAMMN3H3SN Datasheet HTML 34Page - ITT Industries DAMMN3H3SN Datasheet HTML 35Page - ITT Industries DAMMN3H3SN Datasheet HTML 36Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
31
D Subminiature
Cable Selection Guide
Specifications
Temperature
Rating
−55°C to 125°C
Current Rating 5 A
Contact
Resistance 10 m
Dielectric
Withstanding
Voltage 1250 VAC
Materials and Finishes
Description
Material
Finish
Shell/Hardware
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel
Specifications
Temperature
Rating
−55°C to 105°C
Current Rating 5 A
Contact
Resistance 15 m
Dielectric
Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel
Specifications
Temperature
Rating
−55°C to 105°C
Current Rating 5 A (20 AWG)
Contact
Resistance 15 m
Dielectric
Withstanding
Voltage 500 VAC at Sea Level
Specifications
Temperature
Rating
−55°C to 125°C
Current Rating 3 A
(20 AWG)
2 A
(22 AWG)
1,4 A (24 AWG)
1,2 A (26 AWG)
1 A
(28 AWG)
0,8 A (30 AWG)
Contact
Resistance 15 m
Dielectric
Withstanding
Voltage 1000 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shell/Hardware
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel in mating area,
Tin on balance
Materials and Finishes
Description
Material
Finish
Shell/Hardware
Steel
Tin
Insulator
Thermoplastic, UL 94V-0
None
Contacts
Copper Alloy
Gold over Nickel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com