Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 85 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 85 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 81Page - ITT Industries DAMMN3H3SN Datasheet HTML 82Page - ITT Industries DAMMN3H3SN Datasheet HTML 83Page - ITT Industries DAMMN3H3SN Datasheet HTML 84Page - ITT Industries DAMMN3H3SN Datasheet HTML 85Page - ITT Industries DAMMN3H3SN Datasheet HTML 86Page - ITT Industries DAMMN3H3SN Datasheet HTML 87Page - ITT Industries DAMMN3H3SN Datasheet HTML 88Page - ITT Industries DAMMN3H3SN Datasheet HTML 89Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
84
D Subminiature
Combo D
Cable (Size 8) Loose Contacts — Coaxial 75 Ohm
Stamped Crimp/Crimp
Recommended Wire Trim Dimensions
Kit (Body, Ferrule, Center Contact)
Stamped Crimp/Crimp
Kit
Gold over Ni
Kit
30 in. Gold over Ni
Kit
50 in. Gold over Ni
RG Cable Number
Plug
D130322-2
D130322-1
D130322-6
179/U
Receptacle
D130344-1
D130344
D130344-2
179/U
Tooling for Stamped Crimp/Crimp
Description
Crimping Tool
Tool Number
Stamped Center
Conductor
Hand Crimp, ‘‘B’’ Crimp
CCTP-750HM
Semi-Automatic Crimper
ABT-607 (Leased)
Stamped Outer
Conductor
Hand Tool, Hex Crimp
CCTP-DM
Pneumatic Hex Crimp
995-2000-094
For semi-automatic tooling, see page 275.
Loose Components for High Volume (3 Pieces — Body, Ferrule, Center Contact)
Stamped Crimp/Crimp
Body
Ferrule
Center Contact
Gold over Ni
10,000 Reel
Center Contact
30 in. Gold over Ni
10,000 Reel
Plug
249-2272-000
304-0444-000
110238-1015
110238-1012
Receptacle
249-2271-000
304-0444-000
110238-1014
110238-1013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com