Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 68 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 68 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 64Page - ITT Industries DAMMN3H3SN Datasheet HTML 65Page - ITT Industries DAMMN3H3SN Datasheet HTML 66Page - ITT Industries DAMMN3H3SN Datasheet HTML 67Page - ITT Industries DAMMN3H3SN Datasheet HTML 68Page - ITT Industries DAMMN3H3SN Datasheet HTML 69Page - ITT Industries DAMMN3H3SN Datasheet HTML 70Page - ITT Industries DAMMN3H3SN Datasheet HTML 71Page - ITT Industries DAMMN3H3SN Datasheet HTML 72Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
67
D Subminiature
Combo D
40 A High Power Straight — Standard PC Tails (Sizes DE-DC)
Screw lock, boardlock and high power contact
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Part Numbers with Standoff #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMV5H1SNA197
DEMZ5H1SNA197
DEMN5H1SNA197
DA
7W2
DAMV7H2SNA197
DAMZ7H2SNA197
DAMN7H2SNA197
DA
11W1
DAMV11H1SNA197
DAMZ11H1SNA197
DAMN11H1SNA197
DA
3W3
DAMV3H3SNA197
DAMZ3H3SNA197
DAMN3H3SNA197
DA
3WK3
DAMV3HK3SNA197TM
DAMZ3HK3SNA197TM
DAMN3HK3SNA197TM
DB
5W5
DBMV5H5SNA197
DBMZ5H5SNA197
DBMN5H5SNA197
DB
9W4
DBMV9H4SNA197
DBMZ9H4SNA197
DBMN9H4SNA197
DB
13W3
DBMV13H3SNA197
DBMZ13H3SNA197
DBMN13H3SNA197
DB
17W2
DBMV17H2SNA197
DBMZ17H2SNA197
DBMN17H2SNA197
DB
21W1
DBMV21H1SNA197
DBMZ21H1SNA197
DBMN21H1SNA197
DC
8W8
DCMV8H8SNA197
DCMZ8H8SNA197
DCMN8H8SNA197
DC
13W6
DCMV13H6SNA197
DCMZ13H6SNA197
DCMN13H6SNA197
DC
17W5
DCMV17H5SNA197
DCMZ17H5SNA197
DCMN17H5SNA197
DC
21WA4
DCMV21HA4SNA197
DCMZ21HA4SNA197
DCMN21HA4SNA197
DC
25W3
DCMV25H3SNA197
DCMZ25H3SNA197
DCMN25H3SNA197
DC
27W2
DCMV27H2SNA197
DCMZ27H2SNA197
DCMN27H2SNA197
Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DEMV5H1SNK126
For DD shell sizes, see page 69.
Keyed.
A
C
B
D
E
10
°
4,65
(.183)
7,62
± 0,25
(.300
± .010)
6,50
± 0,25
(.256
± .010)
Ø 3,18
(.125)
Ø 0,76
(.030)
2,92
(.115)
BOARDLOCK
SCREW LOCK
#4-40 UNC
4,52 (.178)
STANDOFF
#4-40 UNC
2,84
(.112)
L
F
W
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 257-258.
For panel cutouts, see page 221.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com