Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 44 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 44 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 40Page - ITT Industries DAMMN3H3SN Datasheet HTML 41Page - ITT Industries DAMMN3H3SN Datasheet HTML 42Page - ITT Industries DAMMN3H3SN Datasheet HTML 43Page - ITT Industries DAMMN3H3SN Datasheet HTML 44Page - ITT Industries DAMMN3H3SN Datasheet HTML 45Page - ITT Industries DAMMN3H3SN Datasheet HTML 46Page - ITT Industries DAMMN3H3SN Datasheet HTML 47Page - ITT Industries DAMMN3H3SN Datasheet HTML 48Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
131
y
t
il
i
b
a
il
e
R
h
g
i
H
/
y
r
a
t
il
i
M
e
r
u
t
a
i
n
i
m
b
u
S
D
I TT Cannon Military/High Reliability D
Subminiature connectors are used in many
applications, including aerospace,
transportation, communication systems,
informationsystemsandtestequipment.Beingthe
inventor of the D Subminiature connector,
ITT Cannon is able to use its extensive design
expertise and high quality manufacturing
processes to insure the optimum performance and
reliability.
The D Subminiature connectors with xed
contactsinsoldercup,straightand90° PCcontact
terminations are qualied to MIL-C-24308 (see
cross reference, pages 142-143). These high-
reliability D Subminiature connectors are the nest
quality connectors available at the most
competitive prices in the market.
Applications:
Aerospace
Transportation
Communication Systems
Information Systems
Test Equipment
Product Features
Materials and Finishes
t
n
e
m
t
a
e
r
T
/
h
s
i
n
i
F
l
a
ir
e
t
a
M
n
o
it
p
ir
c
s
e
D
c
n
i
Z
r
e
v
o
e
t
a
m
o
r
h
C
w
o
ll
e
Y
l
e
e
t
S
ll
e
h
S
(Cadmium available upon request; order code -A101)
e
n
o
N
n
e
e
r
G
:r
o
l
o
C
,
0
-
V
4
9
L
U
,r
e
t
s
e
y
l
o
P
r
o
t
a
l
u
s
n
I
Contacts (Military)
Copper Alloy
Contacts (Commercial)
Copper Alloy
Dual Float Mount Hardware
Stainless Steel
Passivated
Clinch Nut Hardware
Stainless Steel with plastic insert
Passivated
l
e
e
t
S
ff
o
d
n
a
t
S
Plastic Bracket
Thermoplastic, UL 94V-0
None
)
d
e
h
c
a
tt
a
e
r
a
s
k
c
o
l
d
r
a
o
b
fi
n
i
T
(
c
n
i
Z
l
e
e
t
S
t
e
k
c
a
r
B
l
a
t
e
M
Coaxial/High Power/High Voltage Contact Assemblies
Contacts and Outer Shells
Copper Alloy
Gold over Nickel
Ring, Retaining
Copper Alloy
Nickel
e
n
o
N
n
o
lf
e
T
)
y
l
n
O
l
a
i
x
a
o
C
(
r
o
t
a
l
u
s
n
I
Insulator (High Voltage Only)
Thermoplastic
None
Specications
Suitable for a variety of cable and printed
circuit board options
Solder cup version accommodates wire size
20 AWG maximum
Temperature Rating − 55°C to 125°C
Signal Contact Current Rating
7.5 A current capacity
Signal Contact Resistance
55 millivolt max. at 7.5 test current
Signal Contact
Dielectric Withstanding Voltage
1250 VAC at Sea Level
Coaxial Current Rating
5 A
Coaxial Dielectric Withstanding Voltage
1000 VAC at Sea Level
Coaxial Impedance
75 or 50
Coaxial VSWR
Less than 1.30+ .03F for F up to 500 MHz
Coaxial Insertion Loss
.3dB loss at 500 MHz
High Power Current Rating
Up to 40 A
High Power
Dielectric Withstanding Voltage
1000 VAC at Sea Level
High Voltage Current Rating
5 A
High Voltage Contact
Dielectric Withstanding Voltage
2800 V at Sea Level
5 A standard current rating
Clinch Nut and Float Mount Options
Trivalent Chromate over Zinc
50 microinches of Gold over Nickel in mating area, Gold over Nickel on balance
Gold over Nickel on mating area, Tin on balance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com