Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 51 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 51 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 47Page - ITT Industries DAMMN3H3SN Datasheet HTML 48Page - ITT Industries DAMMN3H3SN Datasheet HTML 49Page - ITT Industries DAMMN3H3SN Datasheet HTML 50Page - ITT Industries DAMMN3H3SN Datasheet HTML 51Page - ITT Industries DAMMN3H3SN Datasheet HTML 52Page - ITT Industries DAMMN3H3SN Datasheet HTML 53Page - ITT Industries DAMMN3H3SN Datasheet HTML 54Page - ITT Industries DAMMN3H3SN Datasheet HTML 55Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
50
D Subminiature
Combo D
Coaxial 90
° — European Footprint 10,2 or 9,4 mm
(Sizes DE-DC)
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 234-235.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
A
C
B
D
0,82
(.032)
2,92
(.115)
Ø 0,60
(.024)
10
°
E
BOARDLOCK
1,00 (.039)
SCREW LOCK
#4-40 UNC
6,50
± 0,25
(.256
± .010)
14,55
(.573) 10,85
(.427)
RIVNUT
#4-40 UNC
BRACKET,
METAL
2,54
(.100)
Ø 0,51
(.020)
0,56
(.023)
2,89 (.113) MIN
11,94
± 0,33
(.470
± .013)
L
4,00 (.157)
2,54
(.100)
9,40
± 0,20
(.370
± .008)
W
F
Engaging Face
75 Ohm Part Numbers* with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5C1PVK87
DEMC5C1PVK87
DEMD5C1PVK87
DEMG5C1PVK87
DA
7W2
DAMP7C2PVK87
DAMC7C2PVK87
DAMD7C2PVK87
DAMG7C2PVK87
DA
11W1
DAMP11C1PVK87
DAMC11C1PVK87
DAMD11C1PVK87
DAMG11C1PVK87
DA
3W3
DAMP3C3PVK87
DAMC3C3PVK87
DAMD3C3PVK87
DAMG3C3PVK87
DA
3WK3
DAMP3CK3PVK87TM
DAMC3CK3PVK87TM
DAMD3CK3PVK87TM
DAMG3CK3PVK87TM
DB
5W5
DBMP5C5PVK87
DBMC5C5PVK87
DBMD5C5PVK87
DBMG5C5PVK87
DB
9W4
DBMP9C4PVK87
DBMC9C4PVK87
DBMD9C4PVK87
DBMG9C4PVK87
DB
13W3
DBMP13C3PVK87
DBMC13C3PVK87
DBMD13C3PVK87
DBMG13C3PVK87
DB
17W2
DBMP17C2PVK87
DBMC17C2PVK87
DBMD17C2PVK87
DBMG17C2PVK87
DB
21W1
DBMP21C1PVK87
DBMC21C1PVK87
DBMD21C1PVK87
DBMG21C1PVK87
DC
8W8
DCMP8C8PVK87
DCMC8C8PVK87
DCMD8C8PVK87
DCMG8C8PVK87
DC
13W6
DCMP13C6PVK87
DCMC13C6PVK87
DCMD13C6PVK87
DCMG13C6PVK87
DC
17W5
DCMP17C5PVK87
DCMC17C5PVK87
DCMD17C5PVK87
DCMG17C5PVK87
DC
21WA4
DCMP21CA4PVK87
DCMC21CA4PVK87
DCMD21CA4PVK87
DCMG21CA4PVK87
DC
25W3
DCMP25C3PVK87
DCMC25C3PVK87
DCMD25C3PVK87
DCMG25C3PVK87
DC
27W2
DCMP27C2PVK87
DCMC27C2PVK87
DCMD27C2PVK87
DCMG27C2PVK87
For M3 threads replace MP with MS, MC with ML, MD with MO, MG with MJ.
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DEMP5X1PVK87
For tin plated PC tails add A226 (signal contacts only). Example: DEMP5C1PVK87A226
For performance class 2 substitute K127 for K87. Example: DEMP5C1PVK127
For DD shell sizes (Standard footprint) see page 46.
Keyed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com