Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 47 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 47 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 43Page - ITT Industries DAMMN3H3SN Datasheet HTML 44Page - ITT Industries DAMMN3H3SN Datasheet HTML 45Page - ITT Industries DAMMN3H3SN Datasheet HTML 46Page - ITT Industries DAMMN3H3SN Datasheet HTML 47Page - ITT Industries DAMMN3H3SN Datasheet HTML 48Page - ITT Industries DAMMN3H3SN Datasheet HTML 49Page - ITT Industries DAMMN3H3SN Datasheet HTML 50Page - ITT Industries DAMMN3H3SN Datasheet HTML 51Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
46
D Subminiature
Combo D
Coaxial 90
° — Standard Footprint .489 or .454 inch
(Size DD)
75 Ohm Part Numbers* with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DD
24W7
DDMP24C7PJK87
DDMC24C7PJK87
DDMD24C7PJK87
DDMG24C7PJK87
DD
36W4
DDMP36C4PJK87
DDMC36C4PJK87
DDMD36C4PJK87
DDMG36C4PJK87
DD
43W2
DDMP43C2PJK87
DDMC43C2PJK87
DDMD43C2PJK87
DDMG43C2PJK87
DD
47W1
DDMP47C1PJK87
DDMC47C1PJK87
DDMD47C1PJK87
DDMG47C1PJK87
Notes: * For 50 Ohm Coaxial substitute X for C. Example: DDMG36X4PJK87
For contacts with 30 microinches gold substitute K127 for K87. Example: DDMP24C7PJK127
A
C
B
D
E
Ø 0,76
(.030)
0,82
(.032)
2,92
(.115)
BOARDLOCK
10
°
6,50
± 0,25
(.256
± .010)
13,74
(.541)
10,06
(.396)
BRACKET,
METAL
SCREW LOCK
#4-40 UNC
3,89 (.153)
MIN
11,94
± 0,33
(.470
± .013)
L
2,54
(.100)
Ø 0,51
(.020)
0,56
(.023)
11,53
± 0,25
(.454
± .010)
5,68
(.224)
2,84
(.112)
4,33
± 0,38
(.170
± .015)
RIVNUT
#4-40 UNC
F
W
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contacts
removed for clarity
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,41 (.016)
L
±0,25 (.010)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Plug
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see page 230.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Note:
Dimension varies with alternate bracket configuration, See Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com