Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN3H3SN Datasheet(PDF) 62 Page - ITT Industries

Part # DAMMN3H3SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN3H3SN Datasheet(HTML) 62 Page - ITT Industries

Back Button DAMMN3H3SN Datasheet HTML 58Page - ITT Industries DAMMN3H3SN Datasheet HTML 59Page - ITT Industries DAMMN3H3SN Datasheet HTML 60Page - ITT Industries DAMMN3H3SN Datasheet HTML 61Page - ITT Industries DAMMN3H3SN Datasheet HTML 62Page - ITT Industries DAMMN3H3SN Datasheet HTML 63Page - ITT Industries DAMMN3H3SN Datasheet HTML 64Page - ITT Industries DAMMN3H3SN Datasheet HTML 65Page - ITT Industries DAMMN3H3SN Datasheet HTML 66Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
61
D Subminiature
Combo D
40 A High Power 90
° — Standard Footprint .489 or .454 inch
(Sizes DE-DC)
Part Numbers with Metal Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMP5H1SJA197
DEMC5H1SJA197
DEMD5H1SJA197
DEMG5H1SJA197
DA
7W2
DAMP7H2SJA197
DAMC7H2SJA197
DAMD7H2SJA197
DAMG7H2SJA197
DA
11W1
DAMP11H1SJA197
DAMC11H1SJA197
DAMD11H1SJA197
DAMG11H1SJA197
DA
3W3
DAMP3H3SJA197
DAMC3H3SJA197
DAMD3H3SJA197
DAMG3H3SJA197
DA
3WK3
DAMP3HK3SJA197TM
DAMC3HK3SJA197TM
DAMD3HK3SJA197TM
DAMG3HK3SJA197TM
DB
5W5
DBMP5H5SJA197
DBMC5H5SJA197
DBMD5H5SJA197
DBMG5H5SJA197
DB
9W4
DBMP9H4SJA197
DBMC9H4SJA197
DBMD9H4SJA197
DBMG9H4SJA197
DB
13W3
DBMP13H3SJA197
DBMC13H3SJA197
DBMD13H3SJA197
DBMG13H3SJA197
DB
17W2
DBMP17H2SJA197
DBMC17H2SJA197
DBMD17H2SJA197
DBMG17H2SJA197
DB
21W1
DBMP21H1SJA197
DBMC21H1SJA197
DBMD21H1SJA197
DBMG21H1SJA197
DC
8W8
DCMP8H8SJA197
DCMC8H8SJA197
DCMD8H8SJA197
DCMG8H8SJA197
DC
13W6
DCMP13H6SJA197
DCMC13H6SJA197
DCMD13H6SJA197
DCMG13H6SJA197
DC
17W5
DCMP17H5SJA197
DCMC17H5SJA197
DCMD17H5SJA197
DCMG17H5SJA197
DC
21WA4
DCMP21HA4SJA197
DCMC21HA4SJA197
DCMD21HA4SJA197
DCMG21HA4SJA197
DC
25W3
DCMP25H3SJA197
DCMC25H3SJA197
DCMD25H3SJA197
DCMG25H3SJA197
DC
27W2
DCMP27H2SJA197
DCMC27H2SJA197
DCMD27H2SJA197
DCMG27H2SJA197
Note: For contacts with 30 microinches of gold substitute K126 for A197. Example: DEMP5H1SJK126
For DD shell sizes, see page 63.
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
2,92
(.115)
Ø 0,76
(.030)
L
20,57
± 0,38
(.810
± .015)
3,89 (.153)
MIN.
4,33
± 0,38
(.170
± .015)
2,84
(.112)
11,53
± 0,25
(.454
± .010)
W
F
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and high power contact
removed for clarity
Receptacle
Engaging Face
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 247-248.
For panel cutouts, see page 221.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
RIVNUT
#4-40 UNC
12,34
(.486)
8,64
(.340)
6,50
± 0,25
(.256
± .010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com