Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 8 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 8 Page - ams AG

Back Button AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG AS2504 Datasheet HTML 10Page - ams AG AS2504 Datasheet HTML 11Page - ams AG AS2504 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary Data Sheet
AS2504
8/12
August 1998
Transmit characteristics
V ILine=15mA f=800Hz, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AM1/2TX Transmit Gain
M1/M2 —> LS
ZAC(syn)=1000
Ω
+36.0
+37.5
+39.0
dB
AM3/4TX Transmit Gain
M3/M4 —> LS
ZAC(syn)=1000
Ω
+42.0
+43.5
+45.0
dB
AAT1X
Transmit Gain
ATI1 —> LS
ZAC(syn)=1000
Ω
+5.0
+6.5
+8.0
dB
AAT2X
Transmit Gain
ATI2 —> LS
ZAC(syn)=1000
Ω
+19.0
+20.5
+22.0
dB
∆ATX
Variation with frequency
f = 500Hz … 3.4kHz
±0.8
dB
THD
Distortion
VLS=0.25VRMS
2%
VUFC
Unwanted Freq. Comp.
f = 200Hz … 20kHz
-60
dBm
VAGC1
Soft Clip Level
M1/M2 —> LS at LS
2.0
VP
VAGC2
Soft Clip Level
M3/M4 —> LS at LS
2.0
VP
ASCO
Soft Clip Overdrive
M1/M2 - M3/M4
20
dB
tattack
tdecay
Attack time
Decay time
30
20
µs/6dB
ms/6d
B
ZIN-M1/2 Input Impedance
M1/M2
20
k
Ω
ZIN-M3/4 Input Impedance
M3/M4
10
k
Ω
ZIN-ATI1 Input Impedance
ATI1
25
k
Ω
ZIN-ATI2 Input Impedance
ATI2
100
k
Ω
AMUTE
Mute Attenuation
M1/2 - M3/4
60
dB
VINmax
Input Voltage Range
M1/2 - M3/4
differential
±1
Vp
VNO
Noise Output Voltage
LS
TAMP=25°C
-71
dBmp
RL
∆ZAC/°C
Return Loss
Temp. Variation
ZAC(syn)=1000
Ω
18
0.5
dB
Ω/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com