Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 11 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 11 Page - ams AG

Back Button AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG AS2504 Datasheet HTML 10Page - ams AG AS2504 Datasheet HTML 11Page - ams AG AS2504 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary Data Sheet
AS2504
11/12
August 1998
Packaging
The device is available in the packages outlined below (not to scale). For exact mechanical package
dimensions please see AMSAG packaging information.
28-pin plastic SOIC (suffix T)
Max. Body Length
18.1mm / 713mil
Max. Body Width
7.6mm / 300mil
Pitch
1.27mm / 50mil
Pin-out
1 – M2
M3 – 28
2 – M1
M4 – 27
3 – CS
LLC – 26
4– VSS
MASK– 25
5– LI
ATI1 – 24
6– RI
ATI2 – 23
7 – LS
HSS – 22
8 – ROH1
RX0 – 21
9 – ROH2
TX0 – 20
10 –ARO1
TX1 –19
11 –VDD
AUX0 –18
12 – AGND
AUX1 – 17
13 – STB
VOL – 16
14 – CI
ATI3 – 15
Marking
YYWWAAA
AS2504
Austria
YY
year of production
WW
calendar week of production
AAA
AMSAG assembly ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com