Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 3 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 3 Page - ams AG

  AS2504 Datasheet HTML 1Page - ams AG AS2504 Datasheet HTML 2Page - ams AG AS2504 Datasheet HTML 3Page - ams AG AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Data Sheet
AS2504
3/12
August 1998
Pin #
Symbol
Function
15
ATI3
Auxiliary Transmit Input 3
RI >= 100k
8ROH1
Receive Output to Handset 1
Output for driving a dynamic earpiece with an impedance from 150
Ω to 300Ω
(max. 0.7Vp)
9ROH2
Receive Output to Handset 2
Output for driving a dynamic earpiece with an impedance from 150
Ω to 300Ω
(max. 1.4Vp)
10
ARO1
Auxiliary Receive Output 1
RL > 10k
Ω (max. 1.4Vp)
16
VOL
VOLume
Input pin for increasing (= connect to VIN >= VDD-0.3V) or decreasing (= connect
to VIN <= VSS+0.3V) the Rx volume. The idle state is between VSS+1.4V < VIN <
VDD-1.4V. Max rise time 50ns, max fall time 50ns, min pulse width 1us
22
HSS
HandSet or HeadSet / bit

Digital input to select the ROH1 or ROH2 signal output path
21
RX0
Receive 0 / bit

Digital input to select a signal path
18
AUX0
Auxiliary 0 / bit

Digital input to select a signal path
17
AUX1
Auxiliary 1 / bit

Digital input to select a signal path
20
TX0
Transmit 0 / bit

Digital input to select a signal path
19
TX1
Transmit 1 / bit

Digital input to select a signal path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com