Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 9 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 9 Page - ams AG

Back Button AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG AS2504 Datasheet HTML 10Page - ams AG AS2504 Datasheet HTML 11Page - ams AG AS2504 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Preliminary Data Sheet
AS2504
9/12
August 1998
Intercom characteristics
ILine=15mA f=800Hz, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AM1/2IX
Intercom Gain
M1/M2 —> ARO1
+21.5
+23.0
+24.5
dB
AM3/4IX
Intercom Gain
M3/M4 —> ARO1
+27.2
+28.7
+30.2
dB
AAT3IX
Intercom Gain
ATI3 —> ROH1
+4.5
+6.0
+7.5
dB
AAT4IX
Intercom Gain
ATI3 —> ROH2
+10.5
+12.0
+13.5
dB
ZIN-ATI3 Input Impedance
ATI3
100
k
Ω
Receive characteristics
ILine=15mA f=800Hz, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AHRX
Receive Gain
LS —> ROH1
ZAC(syn)=1000
Ω
+1.0
+2.5
+4.0
dB
AAR1X
Receive Gain
LS —> ROH2
ZAC(syn)=1000
Ω
+7.0
+8.5
+10.0
dB
AAR1X
Receive Gain
LS —> ARO1
ZAC(syn)=1000
Ω
+0.7
+2.2
+3.7
dB
∆ARX
Variation with frequency
f=500Hz to 3.4kHz
±0.8
dB
AVOL
Volume control range
-6/+8
dBr
THD
Distortion ROH1-ROH2
VLS=0.25VRMS
2%
THD
Distortion ARO1
VLS=0.25VRMS
3%
VUFC
Unwanted Freq. Comp.
f = 200 … 20kHz
-60
dBm
VAGC
Soft Clip Level
ROH1
0.7
VP
VAGC
Soft Clip Level
ROH2
1.4
VP
ASCO
Soft Clip Overdrive
ROH1/2
10
dB
tattack
tdecay
Attack time
Decay time
30
20
µs/6dB
ms/6d
B
VNO
Noise Output Voltage
ROH1/2 - ARO1
TAMP=25°C
-71
dBmp
ZIN-RI
VINmax
Input Imp. RI
Input Voltage Range RI
8
±2
k
Ω
Vp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com