Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 7 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 7 Page - ams AG

Back Button AS2504 Datasheet HTML 3Page - ams AG AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG AS2504 Datasheet HTML 10Page - ams AG AS2504 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Preliminary Data Sheet
AS2504
7/12
August 1998
Electrical characteristics
Electrical charateristics are measured with the Test Circuit application. Typical mean values will not be
tested.
Absolute maximum ratings
Positive Supply Voltage
-0.3V <= VDD <= 7V
Input Current
± 25mA
Input Voltage (LS)
-0.3V <= Vin <= 12V
Input Voltage (LI, CS)
-0.3V <= Vin <= 8V
Input Voltage (STB, RI)
-2V <= Vin <= VDD+0.3V
Digital Input Voltage
-0.3V <= Vin <= VDD+0.3V
Electrostatic Discharge (HBM 1.5k
Ω-100pF)
± 1000V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage (generated internally)
4V <= VDD <= 5V
Operating Temperature
-25°C to +70°C
DC characteristics
ILine=15mA w/o operation of any additional external circuitry, unless other specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operating Current
Speech Mode
MASK=H, VDD=2.5V
3
300
5mA
µA
VLI
Line Voltage
15mA<=ILINE<=100mA
4.2
4.5
4.8
V
IOL
Output Current, Sink CS
VOL=0.4V
1
mA
VIL
Digital Input Voltage LOW
Pins HSS,RX0,TX0,
TX1,AUX0,AUX1
VSS
0.2 VDD
V
VIH
Digital Input Voltage HIGH
Pins HSS,RX0,TX0,
TX1,AUX0,AUX1
0.8 VDD
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com