Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 2 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 2 Page - ams AG

  AS2504 Datasheet HTML 1Page - ams AG AS2504 Datasheet HTML 2Page - ams AG AS2504 Datasheet HTML 3Page - ams AG AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Data Sheet
AS2504
2/12
August 1998
Pin description
Pin #
Symbol
Function
7LS
Line Current Sense Input
Input for sensing the line current
5LI
Line Input
Input used for power extraction and line current sensing
6RI
Receive Input
Input for ac-separated receive signal
13
STB
Side Tone Balance Input
Input for side tone cancellation network
3CS
Current Shunt Control Output
N-channel open drain output to control the external high power shunt transistor
for synthesising AC- and DC-impedance, modulation of line voltage and shorting
the line during make periods of pulse dialling
14
CI
Complex Impedance Input
Input pin for the capacitor to program a complex impedance
25
MASK
MASK
Input pin to set circuit into power down mode during e.g. LD-dialling. During
MASK=HIGH, CS-pin is internally shorted to ground.
26
LLC
Line Loss Compensation Select Pin
45mA-75mA
—> VDD
20mA-50mA
—> AGND
None
—> VSS
11
VDD
Voltage Drain Drain
Positive Power Supply, for external circuitry t.m. 4.0mA@IL=20mA and
4.0mA@IL=20mA
4VSS
Voltage Source Source
Negative Power Supply
12
AGND
Analogue Ground
Special ground for the internal amplifiers
2M1
Microphone Input 1
Differential input for the microphone (electret)
1M2
Microphone Input 2
Differential input for the microphone (electret)
28
M3
Microphone Input 3
Differential input for the microphone (electret)
27
M4
Microphone Input 4
Differential input for the microphone (electret)
24
ATI1
Auxiliary Transmit Input 1
RI >= 25k
Ω
23
ATI2
Auxiliary Transmit Input 2
RI >= 100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com