Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2504 Datasheet(PDF) 1 Page - ams AG

Part # AS2504
Description  Cordless telephone, answering machine line interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2504 Datasheet(HTML) 1 Page - ams AG

  AS2504 Datasheet HTML 1Page - ams AG AS2504 Datasheet HTML 2Page - ams AG AS2504 Datasheet HTML 3Page - ams AG AS2504 Datasheet HTML 4Page - ams AG AS2504 Datasheet HTML 5Page - ams AG AS2504 Datasheet HTML 6Page - ams AG AS2504 Datasheet HTML 7Page - ams AG AS2504 Datasheet HTML 8Page - ams AG AS2504 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Data Sheet
AS2504
1/12
August 1998
®
Austria Mikro Systeme International AG
Cordless telephone, answering
machine line interface
Key Features
 Analogue line interface and speech circuit
for a/b terminals on a 28-pin CMOS-IC
 2 balanced transmit inputs
 3 unbalanced transmit inputs
 2 buffered single ended receive outputs
(RL>150
Ω)
 1 auxiliary single ended receive output
(RL>10k
Ω)
 Low noise (max. -72dBmp)
 Soft clipping to avoid harsh distortion
 Operating range from 15mA to 100mA
(down to 5mA with reduced performance)
 Line loss compensation selectable by pin
option
 Real and complex impedance selectable by
external components
 Side tone adaptation selectable by external
components
 Digital controls input for mode selection
 Rx volume control
General Description
AS2504 is a CMOS integrated circuit that
incorporates DC and AC line adaptation (DC-
mask
and
synthesised
AC-impedance
of
1000
Ω) as well as a speech circuit with
softclipping, line loss compensation and Rx-
volume control. It shall act as an a/b-line
powered or auxiliarily powered device, which is
controlled by a CPU.
Application
Cordless base stations, answering machines,
a/b-line or auxiliary powered telephone sets.
Package
Available in 28 pin SOIC
Block Diagram


Similar Part No. - AS2504

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS250 ETC-AS250 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS250 HOFFMANPRODUCTS-AS250 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
List of Unclassifed Man...
AS250-2-M ETC-AS250-2-M Datasheet
225Kb / 1P
AMASS
V1.2
logo
ams AG
AS2507 AMSCO-AS2507 Datasheet
136Kb / 9P
SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
AS2507P AMSCO-AS2507P Datasheet
136Kb / 9P
SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
More results

Similar Description - AS2504

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD6001 PHILIPS-PCD6001 Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
Cordless telephone line interface
1999 Jun 04
UBA1707 PHILIPS-UBA1707 Datasheet
245Kb / 36P
Cordless telephone, answering machine line interface
1999 Feb 17
logo
Sanyo Semicon Device
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
Telephone Answering Machine Use
logo
Siemens Semiconductor G...
PSB2168 SIEMENS-PSB2168 Datasheet
897Kb / 185P
Digital Answering Machine SAM
logo
List of Unclassifed Man...
D6571E ETC-D6571E Datasheet
551Kb / 117P
Chip for an All-Digital Telephone Answering Machine with Flash Memory Interface
logo
Sanyo Semicon Device
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
Telephone Answering Machine
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
Digital telephone answering machine chip
2001 Apr 17
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
logo
Motorola, Inc
MC34016 MOTOROLA-MC34016 Datasheet
301Kb / 16P
Cordless Universal Telephone Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com