Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 8 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 8 Page - ams AG

Back Button AS8412 Datasheet HTML 4Page - ams AG AS8412 Datasheet HTML 5Page - ams AG AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG AS8412 Datasheet HTML 10Page - ams AG AS8412 Datasheet HTML 11Page - ams AG AS8412 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 8 of 14
As a general rule, the best approach is to measure the voltage at the “valley”, that normally
occurs at the end of the echo waveform. If it is above 1.8 V, then the system could benefit from
some extra gain.
A pre-amplifier that satisfies the bias requirements is shown at the Fig. 4. Its gain is around
8 dB.
Fig. 4 - Recommended pre-amplifier
Sensitivity Programming
The AS8412 allows the sensitivity to intrusions and movements to be programmed at produc-
tion, so the manufacturer can adapt the detector to different requirements.
There are two possible ways of programming the sensitivity:
• Digital programming by the pins SENS1 and SENS0: controls the criteria used by the dis-
criminator to validate intrusions or movements. Four sensitivities are available, as shown at
Table 1.
Table 1. Digital programmable sensitivities
SENS1
SENS0
Sensitivity
1
1
High
1
0
Mid-high
0
1
Mid-low
0
0
Low
• Capacitor at the pin VCAP: controls the analog processing of the echo signal at the enve-
lope detector. With smaller capacitors, the digitized echo signal will have a higher resolution
and, as a result, a higher sensitivity will be obtained.
The best combination of digital programming and VCAP capacitor is usually determined by
experiment. A generally good choice is to use sensitivity mid-high and 270-pF capacitor at
VCAP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com