Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 3 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 3 Page - ams AG

  AS8412 Datasheet HTML 1Page - ams AG AS8412 Datasheet HTML 2Page - ams AG AS8412 Datasheet HTML 3Page - ams AG AS8412 Datasheet HTML 4Page - ams AG AS8412 Datasheet HTML 5Page - ams AG AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 3 of 14
Pin Description
AS8412
Pin #
Name
Description
1
TX1
40-kHz burst generator - output 1.
2
OSCIN
Clock input or crystal / ceramic resonator connection.
3
OSCOUT
Crystal / ceramic resonator connection. Not connected when external clock is applied.
4
VCAP
Pin for programming capacitor at the envelope detector.
5
AVDD
Analog supply voltage (+5V).
6
AGND
Analog ground.
7
RXGND
Analog ground.
8
RX
Ultrasonic echo input.
9
SEL40K
Time reference select input (SEL40K=’1’ to select 40 kHz or SEL 40K=’0’ to select 400 kHz
at OSCIN).
10
ALEN
Alarm enable input (when ALEN =’0’, the outputs ALARM, WARN and LED are disabled).
11
SENS0
Sensitivity selection (least significant bit).
12
SENS1
Sensitivity selection (most significant bit).
13
SAS
SAS enable input (SAS=’1’ activates Self-Adjusting Sensitivity, SAS=’0’ keeps sensitivity
fixed)
14
TP
Test / reset pin. A rising edge resets the IC. This pin should be left unconnected or tied to
VDD for normal operation.
15
VDD
Digital supply voltage (+5V).
16
GND
Digital ground
17
LED
Active-low signalling LED output (open drain).
18
WARN
Active-low auxiliary alarm output (open drain).
19
ALARM
Active-low main alarm output (open drain).
20
TX2
40-kHz burst generator - output 2.
Pinout & Packaging
Available Package(s):
• 20 pin DIP
• 20 pin SOIC
TX1
OSCIN
OSCOUT
VCAP
AVDD
AGND
RXGND
RX
SEL40K
ALEN
TX2
ALARM
WARN
LED
GND
VDD
TP
SAS
SENS1
SENS0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com