Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 10 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 10 Page - ams AG

Back Button AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG AS8412 Datasheet HTML 10Page - ams AG AS8412 Datasheet HTML 11Page - ams AG AS8412 Datasheet HTML 12Page - ams AG AS8412 Datasheet HTML 13Page - ams AG AS8412 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 10 of 14
• SAS disabled (pin SAS = “0”)
The IC will keep the sensitivity fixed at the upper limit of the programmed range, regardless
of the environmental conditions. This mode can be useful in special applications that de-
mand a fixed or externally controlled sensitivity. The VCAP capacitor may have to be up to 4
times
bigger than it would be with the SAS enabled, to compensate the fixed high sensitivity and
avoid false alarms. Another use of this mode is to allow an easier characterization of the
upper sensitivity limit during the system development.
The self-test indicates an error with SAS=”0”. To generate a valid self-test, SAS must be ‘I’
during power-up. It may be switched afterwards.
Together with the AGC, the SAS loop provides improved controllability over the intrusion detec-
tion process, allowing the system to be little affected by changes in the external conditions,
such as temperature, supply voltage and sensitivity of the ultrasonic sensors.
In any case, the sensitivity can be very significant, so the AS8412 is not adequate to be used in
convertibles or with open windows.
DSP and Fuzzy-Logic Discriminator
Many external phenomena may affect the ultrasonic waves inside the vehicle. Sunlight, blows
at the glasses or roof, wind through the ventilation flaps are some examples.
Experiments have shown that a real intrusion can not be validated by a single specific charac-
teristic of the echo waveform. Several parameters must be observed at the same time and
also how they correlate with each other. Experimental data gathered from extensive field test-
ing were used to support the detection criteria embedded in the AS8412.
To implement those criteria, first the digitized echoes are processed by a DSP circuit to en-
hance the parameters to be monitored. Then, a fuzzy-logic discriminator continuously exam-
ines how those parameters change and correlate, to verify any possible intrusion.
Built-In-Self-Test
When power is applied and SAS = ”1”, the AS8412 goes automatically into a self-test routine
that checks the IC operation. It can also detect initialization errors due to a slow supply rise
time or a clock problem at OSCIN.
During the self-test period, the IC outputs are exercised and should be ignored. If the test is
successful, normal operation starts, indicated by the output LED pulsing periodically.
In the case of an IC malfunction, immediately after the self-test the LED and WARN outputs are
turned on (low) for about 4.4 seconds. If a light-emitting diode is connected to the LED output,
the self-test message may be seen directly by the user.
After an error message, the LED starts to blink again, as in a normal operation. Fig. 6 shows
the possible self-test waveforms after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com