Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 2 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 2 Page - ams AG

  AS8412 Datasheet HTML 1Page - ams AG AS8412 Datasheet HTML 2Page - ams AG AS8412 Datasheet HTML 3Page - ams AG AS8412 Datasheet HTML 4Page - ams AG AS8412 Datasheet HTML 5Page - ams AG AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 2 of 14
Key Features
• True sonar/pulse-echo operation
• Wide dynamic range
• Programmable sensitivity levels
• Self-adaptive to vehicle interiors
• Self-adaptive to temperature and environmental changes
• High sensitivity to intrusion
• Immunity to false alarms
• Detection of sabotage attempts
• Compatible with standard 40 kHz ultrasonic transducers
• No adjustments needed at factory or at field
• Few external components
• Time reference: external clock or oscillator based on crystal/ceramic resonator
• Built-in self-test
• Internal power-on-reset
• Advanced CMOS technology
• Low power consumption: 0.65 to 1.0 mA
• Operation between -40°C and +85 °C
• Available in 20-pin DIP and 20-pin SOIC package
General Description
The AS8412 is a signal processing IC designed to implement reliable, high-performance
sonar intrusion detectors. It generates short 40 kHz bursts to feed an ultrasonic trans-
ducer. The resulting sonar waves are reflected on the vehicle interior and the echoes are
received by another transducer. Inside the AS8412, the electrical signal is first submitted
to an analog conditioning circuit, then it is digitized and processed by a DSP, whose out-
put is analyzed by a discriminator based on fuzzy-logic techniques. Thus, true intrusion
conditions can be discerned from natural phenomena and other allowable disturbances.
No adjustments are necessary at factory or at the field, as the AS8412 is self-adaptive to
the physical and environmental conditions. Compact and EMI-resistant intrusion detec-
tors are made possible, due to the small number of components.
Block Diagram
PRE-
AMP
BAND-PASS
FILTER
AGC
ENVELOPE
DETECTOR
A / D
CONVERTER
D S P
DISCRIMINATOR
MODULATOR /
DRIVER
CONTROL
LOGIC
OSCILLATOR
SIGNALLING
VCAP
SAS
SENS 1
SENS 0
ALEN
LED
WARN
ALARM
SEL40K
OSCIN
OSCOUT
TX1
TX2
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com