Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 11 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 11 Page - ams AG

Back Button AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG AS8412 Datasheet HTML 10Page - ams AG AS8412 Datasheet HTML 11Page - ams AG AS8412 Datasheet HTML 12Page - ams AG AS8412 Datasheet HTML 13Page - ams AG AS8412 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 11 of 14
VDD
WARN
DON’T CARE
DON’T CARE
tstd
toff
tonn
VDD
WARN
DON’T CARE
DON’T CARE
tonn
toff
tstd
( a )
( b )
stw
t
Fig. 6
(a) Self-Test OK
(b) Error at Self-Test
Alarm Signalling
The AS8412 can indicate not only intrusion or motion, but also other kinds of disturbance, and
send a particular message for each situation. Those disturbances are defined as follows and
the messages are identified at Table 3.
• Weak intrusion: early stages of an intrusion, or a weaker intrusion or movement. Detection
criteria are similar to those for intrusion, but with higher sensitivity.
• Blockage: elimination of the coupling between the transducers, either by blocking one of
them, or by cutting a wire.
• Saturation: very strong 40-kHz signal at RX, possibly an attempt to sabotage the alarm
system by saturating the receiver. May also be caused by a glass breakage or by strong hits
with hard objects at the glass.
With this signalling scheme, the IC has flexibility to be used either in simpler applications or in
sophisticated microprocessor based systems. In addition, the manufacturer has the option to
choose which kind of disturbance should be an alarm condition.
The pulse widths are those specified in the AC electrical Characteristics and shown in Fig. 7.
At ALARM and WARN they are at least 200ms; the outputs remain active if intrusion or motion
persists.
The WARN output could be used instead of the ALARM, if only intrusion detections should be
flagged. In this case, the digital sensitivity should be scaled one step ower (for instance from
mid-high to mid-low), or the capacitor at VCAP increased, to keep approximately the same
sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com