Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 5 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 5 Page - ams AG

  AS8412 Datasheet HTML 1Page - ams AG AS8412 Datasheet HTML 2Page - ams AG AS8412 Datasheet HTML 3Page - ams AG AS8412 Datasheet HTML 4Page - ams AG AS8412 Datasheet HTML 5Page - ams AG AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 5 of 14
Low Level Output Voltage
Vol
-
-
-
0.5
0.5
0.5
V
V
V
Pins 1, 20
Pins 18, 19
Pins 17
Iol=3 mA
Iol=4 mA
Iol=12mA
High Level Output Voltage
Voh
4.0
-
-
V
Pins 1, 20
Ioh=-3 mA
High-Z Output Current
Ioz
-
-
10
µA
Pins
17,
18,
19
Vo=5V
Total Supply Current
Idd
-
-
0.65
1.0
1.0
1.6
mA
mA
SEL40K= 1
SEL40K= 0
crystal or clock
ceramic resonator
C1=C2=100pF
A.C. Electrical Characteristics
(VDD = 5 V, VSS = Ground, TA = 25°C)
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Power-on-reset width
tpor
50
500
500
-
-
-
70
530
800
ms
SEL40K= 0, resonator / clock
SEL40K= 1, clock
SEL40K= 1, crystal
Self-test delay (incl. tpor)
tstd
1.3
1.7
1.7
-
-
-
1.4
1.9
2.1
s
SEL40K= 0, resonator / clock
SEL40K= 1, clock
SEL40K= 1, crystal
Fault indication pulse width
tstw
4.3
-
4.6
s
ALARM low pulse width
tal
200
-
-
ms
Pins 18, 19
LED low pulse width
tonn
-
-
89
977
-
-
ms
ms
narrow = no detection
wide = detection
LED high pulse width
toff
-
888
-
ms
System Description
Ultrasonic intrusion detectors are very popular in vehicle security systems, due to their low
cost, good area coverage and easiness of installation. The AS8412 uses the sonar principle to
build a high-performance intrusion detector that follows the requirements of the OEM automo-
tive industry. As very short ultrasonic bursts are sent, the power needed to drive the transmitter
is reduced. Interference and signal cancellation effects, present in systems with continuous
transmission, are virtually eliminated.
Fig. 1 shows the pulse/echo timing generated by the AS8412.
The basic concept behind the AS8412 is the detection of changes in the relative position of
objects inside the vehicle, by monitoring successive echo patterns with a discriminator based
on fuzzy-logic.
Despite the higher complexity of this approach, that demands both analog and digital signal
processing, the solution is made cost-effective with the use of a single IC and a small number
of external components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com