Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8412 Datasheet(PDF) 9 Page - ams AG

Part # AS8412
Description  HIGH PERFORMANCE AUTOMOTIVE SONAR INTRUSION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8412 Datasheet(HTML) 9 Page - ams AG

Back Button AS8412 Datasheet HTML 5Page - ams AG AS8412 Datasheet HTML 6Page - ams AG AS8412 Datasheet HTML 7Page - ams AG AS8412 Datasheet HTML 8Page - ams AG AS8412 Datasheet HTML 9Page - ams AG AS8412 Datasheet HTML 10Page - ams AG AS8412 Datasheet HTML 11Page - ams AG AS8412 Datasheet HTML 12Page - ams AG AS8412 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
High Performance Automotive Sonar Intrusion – Data Sheet
AS8412
March 2001
Page 9 of 14
Table 2 shows some possible sensitivity combinations, marked according to the expected be-
havior at the field. It should be used as a guide to determine the best combination for each ap-
plication.
Table 2. Sensitivity as Function of Digital and VCAP Programming
PROGRAM
390 pF
330 pF
270 pF
220 pF
High
OK
OK
+
+
Mid-high
-
OK
OK
+
Mid-low
-
-
OK
OK
Low
-
-
-
OK
(+) positions with higher sensitivities; may present false alarms under extreme conditions
(OK) most usual sensitivity combinations
(-) positions with lower sensitivities; may be useful for specific applications
The Self-Adjusting Sensitivity (SAS)
The SAS (Self-Adjusting Sensitivity) control loop is a powerful feature that optimizes the sensi-
tivity to intrusion and motion, based on the present environmental conditions. Under quiet situa-
tions the detector has a very high sensitivity. On the other hand, when certain disturbances
such as thermal gradients appear inside the vehicle, the sensitivity is decreased to avoid pos-
sible false alarms.
The sensitivity range programmed by the manufacturer is not changed by the SAS, that simply
selects the most adequate sensitivity for each situation within the allowed range. Fig. 5 gives a
rough idea of how the SAS can affect the detector sensitivity, for a given capacitor at VCAP.
HIGH
LOW
MID-LOW
MID-HIGH
SENSITIVITY
Fig. 5 - Sensitivity Ranges with SAS
The SAS actuation is controlled by the SAS input.
• SAS enabled (pin SAS = “1”):
After power-on, the IC starts with the lowest sensitivity within the programmed range. The
sensitivity will be constantly adjusted, according to the external conditions. Even under quiet
conditions, the IC may take at least 2 minutes to reach the maximum allowed sensitivity.
That should be considered during system evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com