Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 16 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 16 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 12Page - Active-Semi, Inc ACT8600 Datasheet HTML 13Page - Active-Semi, Inc ACT8600 Datasheet HTML 14Page - Active-Semi, Inc ACT8600 Datasheet HTML 15Page - Active-Semi, Inc ACT8600 Datasheet HTML 16Page - Active-Semi, Inc ACT8600 Datasheet HTML 17Page - Active-Semi, Inc ACT8600 Datasheet HTML 18Page - Active-Semi, Inc ACT8600 Datasheet HTML 19Page - Active-Semi, Inc ACT8600 Datasheet HTML 20Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 16 -
www.active-semi.com
SYSTEM CONTROL ELECTRICAL CHARACTERISTICS
(VVSYS = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage Range
2.3
5.5
V
UVLO Threshold Voltage
VVSYS Rising
3.45
V
UVLO Hysteresis
VVSYS Falling
200
mV
Supply Current
All Regulators Enabled
420
µA
Shutdown Supply Current
All Regulators Disabled except REG9,
VVSYS =3.6V
30
µA
Oscillator Frequency
2.060
2.220
2.380
MHz
Logic High Input Voltage
1.4
V
Logic Low Input Voltage
0.4
V
nRSTO Delay
40
ms
Thermal Shutdown Temperature
Temperature rising
160
°C
Thermal Shutdown Hysteresis
20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com