Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 46 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 46 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc ACT8600 Datasheet HTML 44Page - Active-Semi, Inc ACT8600 Datasheet HTML 45Page - Active-Semi, Inc ACT8600 Datasheet HTML 46Page - Active-Semi, Inc ACT8600 Datasheet HTML 47Page - Active-Semi, Inc ACT8600 Datasheet HTML 48Page - Active-Semi, Inc ACT8600 Datasheet HTML 49Page - Active-Semi, Inc ACT8600 Datasheet HTML 50Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 46 -
www.active-semi.com
Charge-Control State Machine
PRECONDITION State
A
new
charging
cycle
begins
with
the
PRECONDITION state, and operation continues in
this state until VBAT exceeds the Precondition
Threshold
Voltage.
When
operating
in
PRECONDITION state, the cell is charged at 10%
of the programmed maximum fast-charge constant
current, ICHG.
Once VBAT reaches the Precondition Threshold
Voltage, the state machine jumps to the FAST-
CHARGE state. If VBAT does not reach the
Precondition
Threshold
Voltage
before
the
Precondition Timeout period expires, then the state
machine jumps to the TIMEOUT-FAULT state in
order to prevent charging a damaged cell. See the
Charge Safety Timers
section for more information.
FAST-CHARGE State
In the FAST-CHARGE state, the charger operates
in constant-current (CC) mode and regulates the
charge current to the current set by RISET . Charging
continues in CC mode until VBAT reaches the charge
termination voltage (VTERM), at which point the state-
machine jumps to the TOP-OFF state. If VBAT does
not reach VTERM before the total time out period
expires then the state-machine will jump to the
“EOC” state and will re-initiate a new charge cycle
after 32ms “relax”. See the Current Limits and
Charge Current Programming
sections for more
information about setting the maximum charge
current.
TOP-OFF State
In the TOP-OFF state, the cell charges in constant-
voltage (CV) mode. In CV mode operation, the
charger regulates its output voltage to the 4.20V
charge termination voltage, and the charge current
is naturally reduced as the cell approaches full
charge. Charging continues until the charge current
drops to END-OF-CHARGE current threshold, at
which point the state machine jumps to the END-
OF-CHARGE (EOC) state.
If the state-machine does not jump out of the TOP-
OFF state before the Total-Charge Timeout period
expires, the state machine jumps to the EOC state
and will re-initiate a new charge cycle if VBAT falls
below termination voltage 205mV (typ). For more
information about the charge safety timers, see the
Charging Safety Times
section.
END-OF-CHARGE (EOC) State
In the END-OF-CHARGE (EOC) state, the charger
presents
a
high-impedance
to
the
battery,
minimizing battery current drain and allowing the
cell to “relax”. The charger continues to monitor the
cell voltage, and re-initiates a charging sequence if
the cell voltage drops to 205mV (typ) below the
charge termination voltage.
SUSPEND State
The state-machine jumps to the SUSPEND state
any time the battery is removed, and any time the
input voltage falls below either the UVLO threshold
or exceeds the OVP threshold. Once none of these
conditions are present, a new charge cycle initiates.
A charging cycle may also be suspended manually
by setting the SUSPEND[ ] bit. In this case, initiate
a new charging sequence by clearing SUSPEND[ ]
to 0.
State Machine Status
The charger features the ability to generate
interrupts
when
the
charger
state
machine
transitions. Set CHGEOCIN[ ] bit to 1 and
CHGSTAT[ ] bit to 1 to generate an interruption
when the charger state machine goes into the END-
OF-CHARGE (EOC) state. Set CHGEOCOUT[ ] bit
to 1 and CHGSTAT[ ] bit to 1 to generate an
interruption when the charger state machine exists
the EOC state.
The status of the charge state machine may be
read at any time by reading the CHGDAT[ ] bit,
where a value of 1 indicates State Machine is in
EOC state, and value is 0 when State Machine is
in other states. Reading the CHGSTAT[-] bit
indicates when a state machine transition has
generated an interrupt; this bit will normally return a
value of 0, but will return value of 1 when a state
transition occurs then automatically clear to 0 upon
reading.
For additional information about the charge cycle,
CSTATE[0:1] may be read at any time via I2C to
determine the current charging state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com