Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 44 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 44 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc ACT8600 Datasheet HTML 44Page - Active-Semi, Inc ACT8600 Datasheet HTML 45Page - Active-Semi, Inc ACT8600 Datasheet HTML 46Page - Active-Semi, Inc ACT8600 Datasheet HTML 47Page - Active-Semi, Inc ACT8600 Datasheet HTML 48Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 44 -
www.active-semi.com
General Description
The charger features an advanced battery charger
that incorporates the patent-pending ActivePathTM
architecture for system power selection. This
combination of circuits provides a complete,
advanced
battery-management
system
that
automatically selects the best available input
supply, manages charge current to ensure system
power availability, and provides a complete, high-
accuracy (±0.5%), thermally regulated, full-featured
single-cell linear Li+ Charger that can withstand
input voltages of up to 12V at CHGIN.
ActivePath
TM Architecture
The ActivePathTM architecture performs three
important functions:
1) System Configuration Optimization
2) Input Protection
3) Battery-Management
System Configuration Optimization
The ActivePath circuitry monitors the state of the
input supply, the battery, and the system, and
automatically reconfigures itself to optimize the
power system. If a valid input supply at either
CHGIN or VBUS is present, ActivePath powers the
system from the input while charging the battery in
parallel. Of the two possible charging sources,
CHGIN is the preferred one over VBUS to allow the
battery to charge as quickly as possible, while
supplying the system. If a valid input supply is not
present, ActivePath powers the system from the
battery. If the input is present and the system
current requirement exceeds the capability of the
input supply, ActivePath allows system power to be
drawn from both the battery and the input supply.
Note that the battery will not be charged from VBUS
pin when VBUS is supplied by the 5VIN pin
(through Q1).
Input Protection for CHGIN
Input Over-Voltage Protection
The ActivePathTM circuitry features input over-
voltage protection circuitry for CHGIN. This circuitry
disables charging when the input voltage exceeds
the voltage set by OVPSET[ ], but stands off the
input voltage in order to protect the system. Note
that the adjustable OVP threshold is intended to
provide the charge cycle with adjustable immunity
against upward voltage transients on the input, and
is not intended to allow continuous charging with
input voltages above the charger's normal operating
voltage range. Independent of the OVPSET[ ]
setting, the charge cycle is not allowed to continue
until the input voltage falls back into the charger's
normal operating voltage range (i.e. below 6.0V).
In an input over-voltage condition this circuit limits
VVSYS to 4.6V, protecting any circuitry connected to
VVSYS from the over-voltage condition, which may
exceed this circuitry's voltage capability. This circuit
is capable of withstanding input voltages of up to
12V.
Table 7:
Input Over-Voltage Protection Setting
Input Supply Overload Protection
The ActivePathTM circuitry monitors and limits the
total current drawn from the input supply to a value
set
by
the
CHGIN/VBUS
configuration
and
CHGLEV inputs, as well as the resistor connected
to ISET. When charging from VBUS pin, the input
current is limited to either 75mA, when CHGLEV is
driven to a logic-low, or 450mA, when CHGLEV is
driven to a logic-high. When charging from CHGIN,
the input current is limited to 2.25A, typically.
Input Under Voltage Lockout
If the input voltage applied to CHGIN falls below
3.5V (typ), an input under-voltage condition is
detected and the charger is disabled. Once an input
under-voltage condition is detected, a new charge
cycle will initiate when the input exceeds the under-
voltage threshold by at least 500mV.
Battery Management
The ACT8600 features a full-featured, intelligent
charger for Lithium-based cells, and was designed
specifically to provide a complete charging solution
with minimum system design effort.
The core of the charger is a CC/CV (Constant-
Current/Constant-Voltage),
linear-mode
charge
controller. This controller incorporates current and
voltage sense circuitry, an internal 70mΩ power
MOSFET,
thermal-regulation
circuitry,
a
full-
featured state-machine that implements charge
control and safety features, and circuitry that
eliminates the reverse blocking diode required by
conventional charger designs.
Single-Cell Li+ ActivePath
TM Charger
OVPSET[0]
OVP THRESHOLD
0
6.6V
1
7.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com