Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 22 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 22 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 18Page - Active-Semi, Inc ACT8600 Datasheet HTML 19Page - Active-Semi, Inc ACT8600 Datasheet HTML 20Page - Active-Semi, Inc ACT8600 Datasheet HTML 21Page - Active-Semi, Inc ACT8600 Datasheet HTML 22Page - Active-Semi, Inc ACT8600 Datasheet HTML 23Page - Active-Semi, Inc ACT8600 Datasheet HTML 24Page - Active-Semi, Inc ACT8600 Datasheet HTML 25Page - Active-Semi, Inc ACT8600 Datasheet HTML 26Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 22 -
www.active-semi.com
ActivePath
TM CHARGER ELECTRICAL CHARACTERISTICS CONT’D
(VCHGIN = 5.0V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CHARGER
BAT Reverse Leakage Current
VCHGIN = 0V, VBAT = 4.2V, IVSYS = 0mA, All REGs
are OFF.
15
µA
BAT to VSYS On-Resistance
70
mΩ
ISET Pin Voltage
Fast Charge
1.2
V
Precondition
0.13
Charge Termination Voltage
TA = -20°C to 70°C
4.179
4.200
4.221
V
TA = -40°C to 85°C
4.170
4.200
4.230
Charge Current
VBAT = 3.8V
AC-Mode
-10%
ICHG1
+10%
mA
USB-Mode, CHGLEV = GA
Min (75mA,
ICHG )
USB-Mode, CHGLEV = VVSYS,
DBILIMQ3[ ] = 0.
Min
(450mA,
ICHG )
USB-Mode, CHGLEV = VVSYS,
DBILIMQ3[ ] = 1.
Min
(900mA,
ICHG )
Precondition Charge Current
VBAT = 2.7V
AC-Mode
10% ICHG
mA
USB-Mode, CHGLEV = GA
Min (75mA,
10% × ICHG )
USB-Mode, CHGLEV = VVSYS,
DBILIMQ3[ ] = 0.
10% ICHG
USB-Mode, CHGLEV = VVSYS,
DBILIMQ3[ ] = 1.
10% ICHG
Precondition Threshold Voltage VBAT Voltage Rising
2.7
2.9
3.1
V
Precondition Threshold
Hysteresis
VBAT Voltage Falling
150
mV
END-OF-CHARGE Current
Threshold
VBAT = 4.15V
AC-Mode, CHGLEV = VVSYS
10% ICHG
AC-Mode, CHGLEV = GA
10% ICHG
Charge Restart Threshold
VVSYS - VBAT, VBAT Falling
170
200
230
mV
Precondition Safety Timer
PRETIMO[ ] = 10
80
min
Total Safety Timer
TOTTIMO[ ] = 10
6.5
hr
Thermal Regulation Threshold
100
°C
mA
USB-Mode, CHGLEV = GA
45
USB-Mode, CHGLEV = VVSYS
45
: RISET (kΩ) = 2336 × (1V/ICHG (mA)) - 0.205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com