Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 45 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 45 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc ACT8600 Datasheet HTML 44Page - Active-Semi, Inc ACT8600 Datasheet HTML 45Page - Active-Semi, Inc ACT8600 Datasheet HTML 46Page - Active-Semi, Inc ACT8600 Datasheet HTML 47Page - Active-Semi, Inc ACT8600 Datasheet HTML 48Page - Active-Semi, Inc ACT8600 Datasheet HTML 49Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 45 -
www.active-semi.com
The charge termination voltage is highly accurate
(±0.5%), and features a selection of charge safety
timeout periods that protect the system from
operation with damaged cells. Other features
include pin-programmable fast-charge current and
one current-limited nSTAT output that can directly
drive LED indicator or provide a logic-level status
signal to the host microprocessor
.
Dynamic Charge Current Control (DCCC)
The ACT8600's ActivePathTM charger features
dynamic charge current control (DCCC) circuitry,
which acts to ensure that the system remains
powered while operating within the maximum output
capability of the power adapter. The DCCC circuitry
continuously monitors VSYS, and if the voltage at
VSYS drops by more than 200mV, the DCCC
circuitry automatically reduces charge current in
order to prevent VSYS from continuing to drop.
Charge Current Programming
The ACT8600's ActivePathTM charger features a
flexible charge current-programming scheme that
combines the convenience of internal charge
current programming with the flexibility of resistor
based charge current programming. Current limits
and charge current programming are managed as a
function of the CHGIN/VBUS configuration and
CHGLEV pins, in combination with RISET, the
resistance connected to the ISET pin.
When charging from CHGIN, the charger operates
in “AC-mode' with a charge current programmed by
RISET, and charge current is given by:
RISET (kΩ) = 2336 × (1V/ICHG(mA)) - 0.205
When charging from VBUS, the charger operates in
“USB-Mode”, with a maximum charge current
defined by the CHGLEV input, and Q3DBILIM[ ]
settings as summarized in Table 8.
Note that the actual charge current may be limited
to a current lower than the programmed fast charge
current due to the ACT8600’s internal thermal
regulation loop. See the Thermal Regulation section
for more information.
Charger Input Interrupts
In order to ease input supply detection and
eliminate the size and cost of external detection
circuitry, the charger has the ability to generate
interrupts based upon the status of the input supply.
This function is capable of generating an interrupt
when the input is connected, disconnected, or both.
CHGIN Detection
An interrupt is generated any time the input supply
is connected to CHGIN when INSTAT[ ] bit is set to
1 and the INCON[-] bit is set to 1, and an interrupt is
generated any time the input supply is disconnected
when INSTAT[ ] bit is set to 1 and the INDIS[ ] bit is
set to 1.
The status of the input may be read at any time by
reading the INDAT[-] bit, where a value of 1
indicates
that
the
valid
input
(VCHGIN
UVLO<VCHGIN<VOVP) is present, and a value of 0
indicates that a valid input is not present. Reading
the INSTAT[-] bit indicates when the input has
generated an interrupt; this bit will normally return a
value of 0, but will return value of 1 when an input
interrupt has been generated then the interrupt is
automatically cleared to 0 upon reading.
VBUS Detection
When a valid input supply is connected to VBUS,
an interrupt is generated when INVBUSR[ ] and
nVBUSMSK[] is set. Similarly, an interrupt is
generated when the input supply is disconnected
from VBUS when INVBUSF[ ] and nVBUSMSK[ ] is
set. The value of VBUSSTAT[ ], which indicate the
status of VBUS interrupts, is 1 if an interrupt is
generated by either INVBUSR[ ] or INVBUSF[ ].
VBUSDAT[ ] provides the real time status of VBUS
and its value is 1 when a valid charging source is
present at VBUS.
CHARGING
SOURCE
CHGLEV
Q3DBILIM
CHARGE CURRENT
(mA)
PRECONDITION CHARGE CURRENT
(mA)
VBUS
0
-
Min (75mA, ICHG )
Min (75mA, 10% × ICHG )
VBUS
1
0
Min (450mA, ICHG )
10% × ICHG
VBUS
1
1
Min (900mA, ICHG )
10% × ICHG
CHGIN
-
-
ICHG
10% × ICHG
Table 8:
Charge Current Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com