Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 33 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 33 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 29Page - Active-Semi, Inc ACT8600 Datasheet HTML 30Page - Active-Semi, Inc ACT8600 Datasheet HTML 31Page - Active-Semi, Inc ACT8600 Datasheet HTML 32Page - Active-Semi, Inc ACT8600 Datasheet HTML 33Page - Active-Semi, Inc ACT8600 Datasheet HTML 34Page - Active-Semi, Inc ACT8600 Datasheet HTML 35Page - Active-Semi, Inc ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 33 -
www.active-semi.com
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
CH1
CH2
CH3
CH4
VBAT = 3.6V
IVSYS = 200mA
DBILIMQ3[ ]
= 1
CHGLEV = 1
CH1: VVBUS, 5V/div
CH2: VVSYS, 2V/div
CH3: VBAT, 2V/div
CH4: IBAT, 500mA/div
TIME: 20ms/div
VBUS Applied
VBUS Removed
CH1
CH2
CH3
CH4
CH1: VVBUS, 5V/div
CH2: VVSYS, 2V/div
CH3: VBAT, 2V/div
CH4: IBAT, 500mA/div
TIME: 20ms/div
VBAT = 3.6V
IVSYS = 200mA
DBILIMQ3[ ]
= 1
CHGLEV = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com