Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 5 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 5 Page - Analog Devices

  AD604 Datasheet HTML 1Page - Analog Devices AD604 Datasheet HTML 2Page - Analog Devices AD604 Datasheet HTML 3Page - Analog Devices AD604 Datasheet HTML 4Page - Analog Devices AD604 Datasheet HTML 5Page - Analog Devices AD604 Datasheet HTML 6Page - Analog Devices AD604 Datasheet HTML 7Page - Analog Devices AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
–5–
Typical Performance Characteristics (per Channel)–AD604
(Unless otherwise noted G (preamp) = +14 dB, VREF = 2.5 V (20 dB/V Scaling), f = 1 MHz, RL = 500
, CL = 5 pF, TA = +25 C, VSS =
5V)
VGN – Volts
50
20
–10
0.1
2.9
40
30
10
0
0.5
0.9
1.3
1.7
2.1
2.5
3 CURVES
–40
°C,
+25
°C,
+85
°C
Figure 1. Gain vs. VGN
40
37.5
32.5
30
25
20
22.5
27.5
35
1.25
1.5
1.75
2
2.25
2.5
THEORETICAL
ACTUAL
VREF – Volts
Figure 4. Gain Scaling vs. VREF
VGN – Volts
2.0
0.2
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.7
1.2
1.7
2.2
2.7
30dB/V
VREF = 1.67V
20dB/V
VREF = 2.50V
Figure 7. Gain Error vs. VGN for
Different Gain Scalings
VGN – Volts
60
0.1
50
40
30
20
10
0
–10
–20
0.5
0.9
1.3
1.7
2.1
2.5
2.9
G (PREAMP) = +14dB
(0dB – +48dB)
G (PREAMP) = +20dB
(+6dB – +54dB)
DSX ONLY
(–14dB – +34dB)
Figure 2. Gain vs. VGN for Different
Preamp Gains
VGN – Volts
2.0
0.2
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.7
1.2
1.7
2.2
2.7
+85
°C
+25
°C
–40
°C
Figure 5. Gain Error vs. VGN at
Different Temperatures
DELTA GAIN – dB
25
–1.0
20
15
10
5
0
–0.8 –0.6 –0.4 –0.2 0.1 0.3 0.5 0.7 0.9
∆G(dB) =
G(CH1) – G(CH2)
VGN1 = 1.0V
VGN2 = 1.0V
N = 50
Figure 8. Gain Match; VGN1 = VGN2 =
1.0 V
VGN – Volts
50
20
–10
0.1
2.9
40
30
10
0
0.5
0.9
1.3
1.7
2.1
2.5
ACTUAL
ACTUAL
30dB/V
VREF = 1.67V
20dB/V
VREF = 2.50V
Figure 3. Gain vs. VGN for Different
Gain Scalings
VGN – Volts
2.0
0.2
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.7
1.2
1.7
2.2
2.7
FREQ = 5MHz
FREQ = 10MHz
FREQ = 1MHz
Figure 6. Gain Error vs. VGN at
Different Frequencies
DELTA GAIN – dB
25
–1.0
20
15
10
5
0
–0.8 –0.6 –0.4 –0.2 0.1 0.3 0.5 0.7 0.9
∆G(dB) =
G(CH1) – G(CH2)
VGN1 = 2.50V
VGN2 = 2.50V
N = 50
Figure 9. Gain Match: VGN1 = VGN2 =
2.50 V
REV. 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com