Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 13 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD604 Datasheet HTML 9Page - Analog Devices AD604 Datasheet HTML 10Page - Analog Devices AD604 Datasheet HTML 11Page - Analog Devices AD604 Datasheet HTML 12Page - Analog Devices AD604 Datasheet HTML 13Page - Analog Devices AD604 Datasheet HTML 14Page - Analog Devices AD604 Datasheet HTML 15Page - Analog Devices AD604 Datasheet HTML 16Page - Analog Devices AD604 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD604
REV. 0
–13–
APPLICATIONS
The most basic circuit in Figure 41 shows the connections for
one channel of the AD604. The signal is applied at Pin 5. RGN
is normally zero, in which case the preamplifier is set to a gain-
of-five (14 dB). When Pin FBK1 is left open, the preamplifier is
set to a gain-of-ten (20 dB) and the gain range shifts up by
6 dB. The ac coupling capacitors before pins –DSX1 and
+DSX1 should be selected according to the required lower cut-
off frequency. In this example the 0.1
µF capacitors together
with the 175
Ω seen looking into each of the DSX input pins,
provides a –3 dB high pass corner of about 9.1 kHz. The upper
cutoff frequency is determined by the bandwidth of the channel
which is 40 MHz. Note, the signal can be simply inverted by
connecting the output of the preamplifier to pin –DSX1 instead
of +DSX1, this is due to the fully differential input of the DSX.
12
11
10
9
8
1
2
3
4
7
6
5
13
16
15
14
24
23
22
21
20
19
18
17
AD604
VIN
VGN
RGN
0.1µF
0.1µF
2.500V
0.1µF
0.1µF
RL
500
Ω
+5V
–5V
OUT
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
Figure 41. Basic Connections for a Single Channel
As shown here, the output is ac coupled for optimum perfor-
mance. In the case of connecting to the AD9050, ac coupling
can be eliminated as long as pin VOCM is biased by the same
3.3 V common-mode voltage as the AD9050 (see Figure 50).
Pin VREF requires a voltage of 1.25 V to 2.5 V, with between
40 dB/V and 20 dB/V gain scaling respectively. Voltage VGN
controls the gain; its nominal operating range is from 0.25 V to
2.65 V for 20 dB/V gain scaling, and 0.125 V to 1.325 V for
40 dB/V scaling. When this pin is taken to ground, the chan-
nel will power down and disable its output.
Pin COM1 is the main signal ground for the preamplifier and
needs to be connected with as short a connection as possible to
the input ground. Since the internal feedback resistors of the
preamplifier are very small for noise reasons (8
Ω and 32 Ω
nominally), it is of utmost importance to keep the resistance in
this connection to a minimum! Furthermore, excessive induc-
tance in this connection may lead to oscillations.
As a consequence of the AD604’s ultralow noise and wide band-
width, large dynamic currents will be flowing to and from the
power supply. To insure the stability of the part, extreme atten-
tion to supply decoupling is required. A large storage capacitor
in parallel with a smaller high frequency capacitor connected
right at the supply pins, together with a ferrite bead coming from
the supply should be used to insure high frequency stability.
To provide for additional flexibility, Pin COM1 can be used to
depower the preamplifier. When COM1 is connected to VP,
the preamplifier will be off, yet the DSX portion can be used
independently. This may be of value when one desires to cas-
cade the two DSX stages in the AD604. In this case the first
DSX output signal with respect to noise will be large and using
the second preamplifier at this point would be a waste of power
(see AGC Amplifier Application).
An Ultralow Noise AGC Amplifier with 82 to 96 dB Gain
Range
Figure 42 shows an implementation of an AGC amplifier with
82 dB of gain range using a single AD604. First, the connec-
tions for the two channels of the AD604 will be discussed, and
second, how the detector circuitry that closes the loop works.
VG
13
16
15
14
19
18
17
24
23
22
21
20
12
11
10
9
8
1
2
3
4
7
6
5
AD604
–5V
+5V
C3
0.1µF
C11
1µF
VIN
VREF
C4
0.1µF
C7
0.1µF
R2
453
Ω
C2
0.1µF
RF OUT
C1
0.1µF
R1
49.9
Ω
–5V
+5V
(MAX
800mV p-p)
8
7
6
5
1
2
3
4
AD711
OFFS
NULL
–VS
NC
+VS
OFFS
NULL
OUT
C6
0.56µF
C7
0.33µF
R3
1k
Ω
V1 = VIN * G
8765
1
234
Y1
Y2
VN
Z
X1
X2
VP
W
AD835
R4
2k
Ω
C8
0.33µF
+5V
– (V1)2
1V
–5V
R5
2k
Ω
C9
0.33µF
R6
2k
Ω
R7
1k
Ω
C10
1µF
LOW
PASS
FILTER
–5V
+5V
– (A)2
2
IF V1 = A*cos (wt)
R8
2k
Ω
VSET (
<0V)
–DSX1
+DSX1
PAI1
FBK1
PAO1
COM1
COM2
PAI2
FBK2
PAO2
+DSX2
–DSX2
VGN1
VREF
VPOS
GND1
OUT1
VNEG
VNEG
VPOS
GND2
OUT2
VOCM
VGN2
C12
0.1µF
FB
FB
C13
0.1µF
+5V
–5V
ALL SUPPLY PINS ARE DECOUPLED AS SHOWN.
Figure 42. AGC Amplifier with 82 dB of Gain Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com