Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD604 Datasheet(PDF) 12 Page - Analog Devices

Part # AD604
Description  Dual, Ultralow Noise Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD604 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD604 Datasheet HTML 8Page - Analog Devices AD604 Datasheet HTML 9Page - Analog Devices AD604 Datasheet HTML 10Page - Analog Devices AD604 Datasheet HTML 11Page - Analog Devices AD604 Datasheet HTML 12Page - Analog Devices AD604 Datasheet HTML 13Page - Analog Devices AD604 Datasheet HTML 14Page - Analog Devices AD604 Datasheet HTML 15Page - Analog Devices AD604 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD604
REV. 0
–12–
Gain Control Interface
The gain-control interface provides an input resistance of ap-
proximately 2 M
Ω at Pin VGN1 and gain scaling factors from
20 dB/V to 40 dB/V for VREF input voltages of 2.5 V to 1.25 V
respectively. The gain scales linearly-in-dB for the center 40 dB
of gain range, that is for VGN equal to 0.4 V to 2.4 V for the 20
dB/V scale, and 0.2 V to 1.2 V for the 40 dB/V scale. Figure 40
shows the ideal gain curves for a nominal preamplifier gain of
14 dB which are described by the following equations:
G (20 dB/V) = 20
× VGN – 5, V
REF = 2.500 V
(4)
G (30 dB/V) = 30
× VGN – 5, V
REF = 1.666 V
(5)
G (40 dB/V) = 40
× VGN – 5, V
REF = 1.250 V
(6)
GAIN CONTROL VOLTAGE – VGN
20
40
35
30
25
15
10
5
50
45
0
–5
LINEAR-IN-dB RANGE
OF AD604 WITH
PREAMPLIFIER
SET TO 14dB
0.5
1.0
2.5
1.5
2.0
3.0
30dB/V
40dB/V
20dB/V
Figure 40. Ideal Gain Curves vs. VREF.
From these equations you can see that all gain curves intercept
at the same –5 dB point; this intercept will be 6 dB higher
(+1 dB) if the preamplifier gain is set to +20 dB or 14 dB,
lower (–19 dB) if the preamplifier is not used at all. Outside of
the central linear range, the gain starts to deviate from the ideal
control law but still provides another 8.4 dB of range. For a given
gain scaling you can calculate VREF as shown in Equation 7:
V
REF =
2.500 V
× 20 dB / V
Gain Scale
(7)
Usable gain control voltage ranges are 0.1 V to 2.9 V for
20 dB/V scale and 0.1 V to 1.45 V for the 40 dB/V scale. VGN
voltages of less than 0.1 V are not used for gain control since
below 50 mV the channel (preamp and DSX) is powered down.
This can be used to conserve power and at the same time gate-
off the signal. The supply current for a powered-down channel
is 1.9 mA, the response time to power the device on-or-off, is
less than 1
µs.
Active Feedback Amplifier (Fixed Gain Amp)
To achieve single supply operation and a fully differential input
to the DSX, an active-feedback amplifier (AFA) is utilized. The
AFA is basically an op amp with two gm stages; one of the active
stages is used in the feedback path (therefore the name), while
the other is used as a differential input. Note that the differential
input is an open-loop gm stage that requires that it be highly
linear over the expected input signal range. In this design, the
gm stage that senses the voltages on the attenuator is a distrib-
uted one; for example, there are as many gm stages as there are
taps on the ladder network. Only a few of them are on at any
one time, depending on the gain-control voltage.
The AFA makes a differential input structure possible since one
of its inputs (G1) is fully differential; this input is made up of a
distributed gm stage. The second input (G2) is used for feed-
back. The output of G1 will be some function of the voltages
sensed on the attenuator taps which is applied to a high gain
amplifier (A0). Because of negative feedback, the differential
input to the high gain amplifier has to be zero; this in turn
implies that the differential input voltage to G2 times gm2 (the
transconductance of G2) has to be equal to the differential input
voltage to G1 times gm1 (the transconductance of G1). There-
fore the overall gain function of the AFA is:
V OUT
V ATTEN
=
gm1
gm2
×
R1
+ R2
R2
(8)
where VOUT is the output voltage, VATTEN is the effective voltage
sensed on the attenuator, (R1+R2)/R2 = 42, and gm1/gm2 =
1.25; the overall gain is thus 52.5 (34.4 dB).
The AFA has additional features: (1) inverting the signal by
switching the positive and negative input to the ladder network,
(2) the possibility of using the DSX1 input as a second signal
input, (3) fully differential high impedance inputs when both
preamplifiers are used with one DSX (the other DSX could still
be used alone), and (4) independent control of the DSX common-
mode voltage. Under normal operating conditions it is best to
connect a decoupling capacitor to pin VOCM in which case the
common-mode voltage of the DSX is half the supply voltage;
this allows for maximum signal swing. Nevertheless, the
common-mode voltage can be shifted up or down by directly
applying a voltage to VOCM. It can also be used as another
signal input, the only limitation being the rather low slew-rate
of the VOCM buffer.
If the dc level of the output signal is not critical, another
coupling capacitor is normally used at the output of the DSX;
again this is done for level shifting and to eliminate any dc off-
sets contributed by the DSX (see AC Coupling section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com